Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
12
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
Figure 9 - CTS9513 Counter Gating Input Logic Block Diagram
MODE V (FSK) ERROR
An error in implementing the special gate function
prevents the implementation of Mode V (FSK
Generator). The gate level is supposed to control
whether the counter is reloaded from the LOAD or
HOLD register to determine the output rate generator
frequency
and
allow
switching
between
two
frequencies to produce Frequency Shift Keying (FSK)
modulation.
When programmed for Mode V, the current device
Revision will reload only from the HOLD register
regardless of the state of the GATE input.
This appears to be a general problem with the
“special gate” function that controls reloading of the
counter from the Load or Hold register depending on
the state of the gate.
MODE J ERROR
The counters will not allow a count of 1 to be set in
the load and/or hold registers
COUNTER SAVE ERRORS
Due to the asynchronous nature of this part (and to
an extent the original AMD AM9513) we have seen
errors in the saved counter data when a counter save
command is issued. This occurs when the write
strobe rising edge for a save command occurs simul-
taneously with a counter clock edge and the counter
tries to save the current count while also trying to in-
crement or decrement the counter.
The only solid solution we have found for this proble
is for the bus clock to also be the master clock or to
be phased locked to it in order for the timing of bus
read/write cycles to be deterministic with respect to
the counter clock edges.
Figure 8 - CTS9513 Counter Internal Prescaler Block Diagram
4 BITS
4 BITS
4 BITS
4 BITS
F1
F2
F3
F4
F5
CLK IN
FREQUENCY
BCD SCALING
BINARY SCALING
F1
F2
F3
F4
F5
CLK IN
CLK IN
CLK / 16
CLK / 256
CLK / 4096
CLK / 65536
CLK / 10
CLK / 100
CLK / 1000
CLK / 10000
COUNTER
MODE
REGISTER
GATE INPUT MUX
AND POLARITY
SELECT
TC-1
GATE -1
GATE
GATE+1
GATE EN
EDGE AND
LEVEL GATE
CONTROL
COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com