Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 27Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
28
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
Sales Offices
Celeritous Technical Services
3308 34th St
Lubbock, TX 79410
800.687.6510
+1.806.793.0708
+1.806.793.0710 FAX
Distributors
Patriot Components
544 R. Salem St.
Wakefield, MA
+1.781-245.7201
+1.781.245.7202 FAX
DISCLAIMERS
This data sheet describes specifications for a device
under development. Celeritous Technical Services
(CTS) reserves the right to make changes in these
specifications at any time without prior notice.
Although
the
information
contained
in
these
specifications is believed to be true and accurate at
the time of publication, CTS reserves the right to
change specifications at any time without prior
notification.
Celeritous Technical Services does not assume any
liability arising out of the application or use of any of
its products described herein.
Names, part numbers, trademarks and copyrights of
other devices referenced in these specifications
belong to their respective owners.
Celeritous Technical Services’ products are not
designed, warranted or authorized for use in any life
support devices or systems where failure of a
component may lead to severe injury or death. CTS
is not liable for any direct or indirect damages or
injury caused through such use.
CTS does not assume any liability or responsibility
arising out of the use or application of any of its
products, nor does it grant any license or rights.
Additional Documentation
For additional, full size, latest updates and more
detailed documentation, visit our Web Site at:
http://www.celeritous.com
This data sheet and others are available for
download in Acrobat
format. Acrobat viewers are
also available for download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com