Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
11
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
Table 9 - CTS9513 Time-of-Day Data Format
C2-15
C2-14
C2-13
C2-12
C2-11
C2-10
C2-9
C2-8
C2-7
C2-6
C2-5
C2-4
C2-3
C2-2
C2-1
C2-0
10's Hours
Hours
10's Minutes
Minutes
BCD DATA 0 - 23 Hours
BCD DATA 0-59 Minutes
C1-15
C1-14
C1-13
C1-12
C1-11
C1-10
C1-9
C1-8
C1-7
C1-6
C1-5
C1-4
C1-3
C1-2
C1-1
C1-0
10's Seconds
Seconds
10th Seconds
Division Factor (5, 6, 10)
BCD DATA 0.0 - 59.9 Seconds
Table 10 - CTS9513 Counter Mode and Auxiliary Counter Mode Register Bit Assignments
CM15
CM14
CM13
CM12
CM11
CM10
CM9
CM8
CM7
CM6
CM5
CM4
CM3
CM2
CM1
CM0
GCTL3
GCTL2
GCTL1
EDGE
SRC1-8
SRC1-4
SRC1-2
SRC1-1
GATE
RELOAD REPEAT COUNT
DIR
OUT4
OUT2
OUT1
Gate Control
Edge
Count Source Selection Gate
Reload
Repeat
Count
Count
Output Control
000 No Gating
Mode
0000 = TC N-1
Mode
Mode
Mode
Mode
Direction 000 = Inactive, Output Low
001 Active High, TC N-1
0 Rising 0001 = Source 1
0 = Off
0 = Load 0 Once
0 Binary 0 Down 001 = Active High on TC
010 Active High Level
GateN+1
1 Falling 0010 = Source 2
1 = On
1 = Both 1 Repeat 1 BCD
1 Up
010 = TC Toggled
011 Active High Level GateN-1
0011 = Source 3
011 = Illegal
100 Active High Level GateN
0100 = Source 4
100 = Inactive, Output High Z
101 Active Low Level GateN
0101 = Source 5
101 = Active Low on TC
110 Active High Edge GateN
0110 = Gate 1
110 = Illegal
111 Active Low Edge GateN
0111 = Gate 2
"111 = Illegal
1000 = Gate 3
1001 = Gate 4
1010 = Gate 5
1011 = F1
1100 = F2
1101 = F3
1110 = F4
1111 = F5
MUX
A
B
O
R
S
Q
Q
MUX
A
B
O
MUX
A
B
O
CLK
D
S
C
Q
Q
INT MODE
INT CLEAR
COUNTER TC
OUTPUT SET
OUTPUT CLEAR
TC/TOGGLE
COMPARATOR
ALARM EN
OUTPUT POL
OUTPUT LOW
OUTPUT INHIBIT
TRISTATE CNTL
OUTPUT
TC OUT
INT OUT
Figure 7 - Counter Output Section Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com