Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
19
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
MODE K VARIABLE DUTY CYCLE RATE
GENERATOR WITH LEVEL GATING
Mode K is similar to Mode J with the exception that
the counter is enabled only after being ARMed and
when the selected Gate line is asserted. When the
Gate line is deasserted the counter stops. This allows
the gate to modulate the duty cycle of either state as
illustrated in Figure 20.
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
COUNTER MODE K WAVEFORMS
H
H-1
...
1
L
1
...
L-2
L-1
L-1
L-2
Figure 20 - CTS9513 Counter Mode K Representative Waveforms
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
COUNTER MODE L WAVEFORMS
H
1
...
L-2
L-1
H-1
...
1
L
L-1
L-2
L-3
Figure 21 - CTS9513 Counter Mode L Representative Waveforms
MODE L HARDWARE TRIGGERED
DELAYED PULSE ONE-SHOT
Mode L is used often as an externally triggered
delayed pulse generator, where the delay and pulse
width are both programmable. Like Modes J and K,
the counter cycles through the load count, reloads
from the hold at the first TC, and counts to the
second TC.
Unlike Modes J and K, however the counter is only
active after being ARMed and after a valid gate edge
is received. As shown in Figure 21 the gate edge
initiates one count cycle and is disregarded for the
rest of the cycle. After one count cycle (Load and
Hold) the counter stops until another gate edge is
received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com