Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
10
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
S7
S6
S5
S4
S3
S2
S1
S0
CMP2
CMP1
OUT5
OUT4
OUT3
OUT2
OUT1
WP
Comparator
Counter Output Status
Byte
Reflects actual state of
Interrupt Output
Pointer
Reflects Actual State of Output
Table 7 - Status Register
a Write pulse. Repetitive waveforms do not show the
write pulse or ARM command. The letters L and H
are used in the figures to denote Load and Hold
register values and the letters K and N to denote
arbitrary counter values.
In all cases, the counter begins counting on the first
count source edge following the Write pulse in
software triggered modes and the first source edge
following a valid gate edge in hardware triggered or
enabled modes.
In gate controlled modes which inhibit counting, the
counter is suspended for any valid source edges that
occur after de-assertion of the gate line.
CTS9513AXI-2 ERRATA
Although tested extensively to ensure full compliance
with the original AM9513Axx device functions and
operating modes, several functional anomalies have
come to our attention. Both current and potential
users of this device should take note of these.
Devices Affected:
All 1996, 97, 98, 99 and 2000 devices manufactured
to date
Planned Action:
There are no immediate plans to correct these
defects until further testing can be completed to
detect any further anomalies.
Work-Arounds:
There is no current work-around for these problems
for existing designs.
CRYSTAL OSCILLATOR
The CTS9513 does not incorporate a crystal oscilla-
tor and must be driven from an external TTL compati-
ble oscillator source.
COMMAND DATA READ/WRITE DATA
LATCH
In this implementation of the 9513 data being written
to the device is not latched on the rising (trailing)
edge of the write strobe. Data in this device is latched
into the command and control registers on the low
level of the write strobe. This means that the data
must be stable up until shortly before the rising edge
of the write strobe. This appears to be an artifact of
the way the 8 bit sequential write mode was
implemented in order to correctly increment the byte
pointer and latch the data on the one write strobe.
To date we have only seen this create a problem in
one
instance
on
an
ISA
bus
Counter/Timer
instrumentation card where the ISA bus decoding
was incorrectly implemented. In that instance, a delay
in de-asserting the chip select was causing the
leading edge of a write strobe for another I/O device
to appear prior to the trailing edge of the Chip Select
signal. This was interpreted as another valid write to
the 9513 device causing invalid data to be written to
the device.
MM15
MM14
MM13
MM12
MM11
MM10
MM9
MM8
MM7
MM6
MM5
MM4
MM3
MM2
MM1
MM0
SCALE
POINT
BUS
FGATE1
DIV1-8
DIV1-4
DIV1-2
DIV1-1
FOUT1-8 FOUT1-4 FOUT1-2 FOUT1-1
COMP2
COMP1
TOD2
TOD1
Scale
Data
Data Bus FOUT
FOUT Divider
FOUT Source Select
Comparator
Time of Day Mode
Mode
Pointer
Width
Mode
Mode
0 BIN
0 Enable 0 = 8
0 = On
0000 = Divide by 16
0000 = F1
00 = Disabled
00 = TOD Disabled
1 BCD
1 Disable 1 = 16
1 = Off
0001 = Divide by 1
001 = Source 1
01 = Comparator 1 On 01 = TOD Enabled /5
0010 = Divide by 2
0010 = Source 2
10 = Comparator 2 On 10 = TOD Enabled /6
0011 = Divide by 3
0011 = Source 3
11 = Both On
11 = TOD Enabled /10
0100 = Divide by 4
0100 = Source 4
0101 = Divide by 5
0101 = Source 5
.
0110 = Gate 1
.
0111 = Gate 2
.
1000 = Gate 3
.
1001 = Gate 4
.
1010 = Gate 5
.
1011 = F1
.
1100 = F2
.
1101 = F3
.
1110 = F4
1111 = Divide by 16
1111 = F5
Table 8 - Master and Auxiliary Master Mode Register Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com