Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
15
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
SOURCE
WR
DATA
ARM COMMAND
L-1
L-2
L-3
.....
2
1
L
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
GATE
COUNTER MODE C WAVEFORMS
Figure 12 - CTS9513 Counter Mode C Representative Waveforms
SOURCE
WR
DATA
ARM COMMAND
GATE
L-1
L-2
...
2
1
L
L-1
L-2
...
2
1
L
L-1
L-2
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
COUNTER MODE D WAVEFORMS
Figure 13 - CTS9513 Counter Mode D Representative Waveforms
MODE D RATE GENERATOR WITH NO
HARDWARE GATING
Mode D, illustrated in Figure 13. is commonly used
as a programmable frequency source as it continues
to count repetitively until receipt of a DISARM
command. Once ARMed, the counter counts to TC,
automatically reloads the counter from the Load
register and begins counting again. The waveform
produced can be a square wave if the Toggle output
mode is specified. The Gate line has no effect on the
counter action.
MODE C HARDWARE TRIGGERED STROBE
In Mode C, as shown in Figure 12, the counter is
active only after receipt of an ARM command and the
application of a Gate edge to the selected gate line.
Once a Gate edge is sensed, the counter will count
until it reaches TC. Subsequent gate actions have no
further effect on the counter action. The counter will
remain inactive until receipt of a new ARM command
and Gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com