Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
23
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
HOLD REG
L-1
L-2
...
N+1
N
N-1
N-2
..
K+2
K+1
K
K-1
..
1
L
L-1
L-2
L
N
K
L
COUNTER MODE X WAVEFORMS
Figure 28 - CTS9513 Counter Mode X Representative Waveforms
MODE X HARDWARE SAVE
Mode X is a hardware edge triggered strobe counter
with the capability of reading the counter value
without interrupting the count.
As shown in Figure 28, once the counter is ARMed a
valid gate edge starts the counter. Once triggered the
counter will count to TC regardless of the state of the
Gate line. Gate edges received prior to TC will store
the current count in the Hold register. Once the
counter has reached TC the counter will stop until a
subsequent gate edge is received. Gate edges
applied to an unarmed
counter have no effect.
Symbol
Specification
Min
Max
Units
V ILT
TTL Input LOW Level
0.8
Volts
V IHT
TTL Input HIGH Level
2
Volts
V ILC
X2 Input LOW Level
1.5
Volts
V IHC
X2 Input HIGH Level
V DD –1.5
Volts
V OL
Output LOW Level @ I OL = 4mA
0.4
Volts
V OH
Output HIGH Level @ I OL =4mA
2.4
Volts
I Z
Input Leakage Current
-10
10
µA
I DD
Supply Current /No Load / F OSC = 7MHz
20
mA
I DDS
IDD Static
10
µA
C IN
Pin Capacitance
10
pF
Table 12 - CTS9513 Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com