Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
14
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
Mode A - Software Triggered Strobe with no Gating
As shown in Figure 10, The counter is only active
after receipt of an ARM command. On reaching TC
the counter automatically reloads from the Load
register and disarms, awaiting the next software ARM
command.
MODE B - SOFTWARE TRIGGERED
STROBE WITH LEVEL GATING
In Mode B, illustrated in Figure 11 the counter is only
active when both an ARM command has been
received and the selected Gate line is active. The
counter will halt counting when the gate line is de-
asserted and resume counting when the gate line is
re-asserted until the counter reaches TC. When the
counter reaches TC the timer will reload from the
load register and disarm automatically until a new
ARM command is received.
SOURCE
WR
DATA
ARM COMMAND
L-1
L-2
L-3
.....
2
1
L
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
COUNTER MODE A WAVEFORMS
GATE
Figure 10 - CTS9513 Counter Mode A Representative Waveforms
SOURCE
WR
DATA
ARM COMMAND
GATE
L-1
L
1
2
3
...
L-3
L-2
L-1
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
COUNTER MODE B WAVEFORMS
Figure 11 - CTS9513 Counter Mode B Representative Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com