Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 29Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 26 of 44
CHANNEL A
TruPwr™
CHANNEL B
TruPwr™
VGA
CONTROL
CLPF
CLPF
VLVL
INHB
INLB
INLA
INHA
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
OUTA
OUTB
ITGT2
ISIG2
ITGT2
ISIG2
VGA
CONTROL
AD8364
CINT
DIFF OUT +
C2
0.1
µF
1:4
C4
0.1
µF
C3
0.1
µF
T2
1:4
C5
0.1
µF
1:4
C7
0.1
µF
C6
0.1
µF
T1
1:4
ATTENUATOR
VGA/VVA
DIRECTIONAL
OR
POWER SPLITTER
DIRECTIONAL
OR
POWER SPLITTER
IERR
Figure 62. Operation in Controller Mode for Automatic Gain Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com