Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 36 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 32Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 33Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 34Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 35Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 36Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 37Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 38Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 39Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 36 of 44
CHOOSING THE RIGHT VALUE
FOR CHP[A, B] AND CLP[A, B]
The AD8364 VGA includes an offset cancellation loop, which
introduces a high-pass filter effect in the transfer function. The
corner frequency, fHP, of this filter must be below that of the lowest
input signal in the desired measurement bandwidth frequency
to properly measure the amplitude of the input signal. The
required value of the external capacitor is given by
CHP[A, B] = 200 μF/(2 × π × fHP )(fHP in Hz)
(18)
Thus, for operation at frequencies down to 100 kHz, CHP[A, B]
must be 318 pF.
In the standard connections for the measurement mode, the
VST[A, B] pin is tied to OUT[A, B]. For small changes in input
amplitude (a few decibels), the time-domain response of this
loop is essentially linear with a 3 dB low-pass corner frequency
of nominally fLP = 1/(2 × π × CLP[A, B] × 1.1 kΩ). Internal time
delays around this local loop set the minimum recommended
value of this capacitor to about 300 pF, making fLP = 482 kHz.
For operation at lower signal frequencies, or whenever the
averaging time needs to be longer, use
CLP[A, B] = 900 μF/2 × π × fLP (fLP in Hz)
(19)
When the input signal exhibits large crest factors, such as a
WCDMA signal, CLP[A, B] must be much larger than might at
first seem necessary. This is due to the presence of significant low
frequency components in the complex, pseudo random modu-
lation, which generates fluctuations in the output of the AD8364.
RF BURST RESPONSE TIME
RF burst response time is important for modulated signals that
have large steps in power, such as a single carrier EVDO that
has the potential for a greater than 20 dB burst of power (for
approximately 200 μs out of every 800 μs).
Accurate power detection for signals with RF bursts is achieved
when the AD8364 is able to respond quickly to the change in RF
power; however, the response time is limited by the capacitors
placed on Pins CLP[A, B], CHP[A, B], and DEC[A, B].
Capacitors placed on the DEC[A, B] pins affect the response time
the least and must be chosen as stated in the RF Input Interface
section. Capacitors placed on CHP[A, B] and CLP[A, B] must be
chosen according to the equations in the Choosing the Right
Value for CHP[A, B] and CLP[A, B] section and the response time
for the AD8364 must be evaluated. If the response time is not
fast enough to follow the burst response, the values for CLP[A, B]
must be decreased. The capacitor values placed on the CLP[A, B]
have the largest effect on the rise and fall times. The capacitor
values placed on CHP[A, B] affect the rising and falling corner
of the response (overshoot or under-shoot); however, the falling
corner is most likely swamped out by the effect of CLP[A, B].
Once the response time is set so that the AD8364 is just able to
follow the RF burst requirements (within the tolerance of the
capacitors), the output of the AD8364 must be evaluated with
an oscilloscope. If there is ripple on the output (due to the
modulated signal), averaging may need to be performed on
the DSP to achieve a true rms response. Figure 44 and Figure 45
may help in determining the proper CLP[A, B] values to use.
SINGLE-ENDED INPUT OPERATION
For optimum operation, the RF inputs to the AD8364 must be
driven differentially. However, the AD8364 RF inputs can also
be driven in a single-ended configuration with reduced dynamic
range. Figure 78 shows a recommended input configuration for
a single channel.
Figure 79 shows the performance obtained with the configuration
shown in Figure 78. The user must note that the dynamic range
performance suffers in single-ended configuration due to the
inherent amplitude and phase imbalance at the RF inputs.
However, at low frequency the dynamic range is quite good and
users trying to detect low frequency or baseband signals may
want to consider this as an option. At frequencies greater than
450 MHz, the dynamic range decreases to about 20 dB, reducing
the AD8364 usefulness for many applications. Performance in
single-ended configuration is subject to circuit board layout
(see the Printed Circuit Board Considerations section).
100
100
INHx
INLx
Figure 78. Recommended Input Configuration for Single-Ended Input Drive
RF INPUT (dBm)
20
–60
–40
–30
–50
–20
–10
0
10
5.0
4.0
3.0
2.0
4.5
3.5
2.5
1.5
1.0
0.5
0
50MHz
100MHz
45 MHz
50MHz Error
100MHz ERROR
450MHz ERROR
Figure 79. Single-Ended Performance for
the Configuration Shown in Figure 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com