Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 29Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 30Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 31Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 28 of 44
26
27
28
29
30
32
31
15
14
13
12
11
9
10
7
6
8
5
4
3
1
2
25
16
18
19
17
20
21
22
24
23
C5
0.1
F
R3
OPEN
INPA
J3
PWDN
J2
1:4
C7
0.1
F
C6
0.1
F
C5
0.1
F
R1
OPEN
INPB
J1
1:4
C3
0.1
F
T2
LDB181G8820C-110
T1
ETK4-2T
VPOS
VPOS
TP1
COMM
TP2
A
B
SW1
R2
10k
C20
100pF
C21
0.1
F
C22
0.1
F
C1
0.1
F
C24
100pF
R21
0
R16
OPEN
C19
0.1
F
C18
OPEN
R20
0
R18
0
R15
0
C16
0.1
F
C17
0.1
F
VREF
R13
OPEN
R14
OPEN
R12
0
R11
0
R10
0
R9
0
AD8364ACPZ
EXPOSED PADDLE
C9
0.1
F
C9
0.1
F
C15
0.1
F
C23
100pF
C8
0.1
F
C10
100pF
C11
0.1
F
C14
0.1
F
R6
0
R5
0
R4
0
R23
0
R24
0
TEMP
SENSOR
J4
C12
100pF
C13
0.1
F
VPOS
VPSA
CHPA
CLPA
ACOM
TEMP
ACOM
VPSR
COMA
DECA
CHPB
CLPB
VLVL
VREF
ADJA
ADJB
COMB
DECB
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
VSTB
0.4V TO
3.4V
MODE SEL
0V TO 1.2V
90MHz
LPF
RFIN
1880MHz
0
0
107
IFOUT
80MHz
11dB
COUPLING
C4
0.1
F
AD8367
AD8343
0.705V
Figure 64. Constant Output Power Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com