Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 25 of 44
When VSTA is set to a particular value, the AD8364 compares
this value to the equivalent input power present at the RF input.
If these two values do not match, OUTA increases or decreases
in an effort to balance the system. The dominant pole of the
error amplifier/integrator circuit that drives OUTA is set by the
capacitance on Pin CLPA; some experimentation may be necessary
to choose the right value for this capacitor. In general, CLPA must
be chosen to provide stable loop operation for the complete output
power control range. If the slope (in dB/V) of the gain control
transfer function of the VGA is not constant, CLPA must be chosen
to guarantee a stable loop when the gain control slope is at the
maximum. On the other hand, CLPA must provide adequate
averaging to the internal low range squaring detector so that the
rms computation is valid. Larger values of CLPA tend to make
the loop less responsive.
The relationship between VSTA and the RF input follows from
the measurement mode behavior of the device. For example,
from Figure 9, which shows the measurement mode transfer
function at 880 MHz, it can be seen that an input power of
−10 dBm yields an output voltage of 2.5 V. Therefore, in
controller mode, VSTA must be set to 2.5 V, which results in an
input power of −10 dBm to the AD8364.
AD8364
VGA OR VVA
(OUTPUT POWER
DECREASES AS
VAPC INCREASES)
INHA
INHA
INLA
C5
0.1
µF
1:4
C7
0.1
µF
C6
0.1
µF
T2
SEE TEXT
VSTA
OUTA
VAPC
DAC
0V TO 3.5V
(0V TO 4.9V AVAILABLE SWING)
PIN
POUT
ATTENUATOR
Figure 61. Operation in Controller Mode for Automatic Power Control
Automatic Gain Control
Figure 62 shows how the AD8364 can be connected to provide
automatic gain control to an amplifier or signal chain.
Additional pins are omitted for clarity. In this configuration,
both rms detectors are connected in measurement mode with
appropriate filtering being used on CLP[A, B] to effect a valid
rms computation on both channels. OUTA, however, is also
connected to the VLVL pin of the on-board difference amplifier.
Also, the OUTP output of the difference amplifier drives a
variable gain element (either VVA or VGA) and is connected
back to the FBKA input via a capacitor so that it is operating as
an integrator.
Assume that OUTA is much bigger than OUTB. Because OUTA
also drives VLVL, this voltage is also present on the noninverting
input of the operational amplifier driving OUTP. This results in
a net current flow from OUTP through the integrating
capacitor into the FBKA input. This results in the voltage on
OUTP increasing. If the gain control transfer function of the
VVA/VGA is positive, this increases the gain, which in turn
increases the input signal to INHB. The output voltage on the
integrator continues to increase until the power on the two
input channels is equal, resulting in a signal chain gain of unity.
If a gain other than 0 dB is required, an attenuator can be used
in one of the RF paths, as shown in Figure 62. Alternatively,
power splitters or directional couplers of different coupling
factors can be used. Another convenient option is to apply a
voltage on VLVL other than OUTA. Refer to Equation 11 and
the Controller Mode section for more detail.
If the VGA/VVA has a negative gain control sense, the OUTN
output of the difference amplifier can be used with the
integrating capacitor tied back to FBKB.
The choice of the integrating capacitor affects the response time
of the AGC loop. Small values give a faster response time but
can result in instability, whereas larger values reduce the response
time. Note that in this mode, the capacitors on CLPA and CLPB,
which perform the rms averaging function, must still be used
and also affect the loop response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com