Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 35 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 31Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 32Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 33Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 34Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 35Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 36Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 37Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 38Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 35 of 44
ALTERING THE SLOPE
None of the changes to operating conditions discussed so far
affect the logarithmic slope, VSLOPE, in Equation 7. The slope can
readily be altered by controlling the fraction of OUT[A, B] that
is fed back to the setpoint interface at the VST[A, B] pin. When
the full signal from OUT[A, B] is applied to VST[A, B], the slope
assumes the nominal value of 50 mV/dB. It can be increased by
including a voltage divider between these pins, as shown in
Figure 76. Moderately low resistance values must be used to
minimize scaling errors due to the approximately 70 kΩ input
resistance at the VST[A, B] pin. Keep in mind that this resistor
string also loads the output, and it eventually reduces the load-
driving capabilities if very low values are used. Equation 17 can
be used to calculate the resistor values.
R1 = R2' (SD/50 − 1)
(17)
where:
SD is the desired slope, expressed in mV/dB.
R2' is the value of R2 in parallel with 70 kΩ.
For example, using R1 = 1.65 kΩ and R2 = 1.69 kΩ (R2' =
1.649 kΩ), the nominal slope is increased to 100 mV/dB. This
choice of scaling is useful when the output is applied to a digital
voltmeter because the displayed number directly reads as a
decibel quantity with only a decimal point shift.
Operating at a high slope is useful when it is desired to measure
a particular section of the input range in greater detail. A
measurement range of 60 dB corresponds to a 6 V change in
VOUT at this slope, exceeding the capacity of the AD8364
output stage when operating on a 5 V supply. This requires that
the intercept is repositioned to place the desired input range
section within a window corresponding to an output range of
0.1 V ≤ VOUT ≤ 4.8 V, a 47 dB range.
Using the arrangement shown in Figure 77, an output of 0.4 V
corresponds to the lower end of the desired range, and an output of
3.5 V corresponds to the upper limit with 3 dB of margin at each
end of the range, nominally −32 dBm to −1 dBm with the
intercept at −35.6 dBm. Note that R2 is connected to VREF
rather than ground. R3 is needed to ensure that the AD8364
reference buffer is correctly loaded.
When the slope is raised by some factor, the loop capacitor,
CLP[A, B], must be raised by the same factor to ensure stability
and to preserve a chosen averaging time. The slope can be
lowered by placing a voltage divider after the output pin,
following standard practice.
R1
R2
VOUT
CHANNEL A
TruPwr™
CHANNEL B
TruPwr™
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
VPSA
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
16
15
14
13
12
11
10
9
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
BIAS
TEMP
OUTA
OUTB
ISIG2
ITGT2
VGA
CONTROL
VGA
CONTROL
ISIG2
ITGT2
Figure 76. External Network to Raise Slope
R1
4.02k
R2
4.32k
R3
2k
VOUT
CHANNEL A
TruPwr™
CHANNEL B
TruPwr™
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
VPSA
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
16
15
14
13
12
11
10
9
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
BIAS
TEMP
OUTA
OUTB
ISIG2
ITGT2
VGA
CONTROL
VGA
CONTROL
ISIG2
ITGT2
Figure 77. Scheme Providing 100 mV/dB Slope for Operation over a 3 mV to
300 mV Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com