Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8364ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 4 of 44
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Temperature Sensitivity
Deviation from OUT[A, B] @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm
+0.5
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm
+0.5
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm
+0.5
dB
Deviation from OUTP to OUTN @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm, −25 dBm
+0.1, −0.2
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm, −25 dBm
+0.1, −0.2
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm, −25 dBm
+0.1, −0.2
dB
Input A to Input B Isolation
Baluns = Macom ETC1.6-4-2-3 (both channels)
64
dB
Input A to OUTB Isolation
PINHB = −50 dBm, OUTB = OUTBPINHB ± 1 dB
35
dB
Input B to OUTA Isolation2
PINHA = −50 dBm, OUTA = OUTAPINHA ± 1 dB
35
dB
Input Impedance
INHA/INLA, INHB/INLB differential drive
200||0.3
Ω||pF
Input Return Loss
With recommended balun
−9
dB
MEASUREMENT MODE,
1880 MHz OPERATION
ADJA = ADJB = 0.75 V, error referred to best fit line using
linear regression @ PINH[A, B] = −40 dBm and −20 dBm,
TA = 25°C, balun = Murata LDB181G8820C-110
±1 dB Dynamic Range1
Pins OUT[A, B], (Channel A/Channel B)
69/61
dB
−40°C < TA < +85°C
60/50
dB
±0.5 dB Dynamic Range1
Pins OUT[A, B], (Channel A/Channel B)
62/51
dB
−40°C < TA < +85°C
58/51
dB
Maximum Input Level
±1 dB error, (Channel A/Channel B)
11/3
dBm
Minimum Input Level
±1 dB error
−58
dBm
Slope
50
mV/dB
Intercept
−62
dBm
Output Voltage—High Power In
Pins OUT[A, B] @ PINH[A,B] = −10 dBm
2.49
V
Output Voltage—Low Power In
Pins OUT[A, B] @ PINH[A,B] = −40 dBm
0.98
V
Temperature Sensitivity
Deviation from OUT[A, B] @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm
+0.5, −0.2
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm
+0.5, −0.2
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm
+0.5, −0.2
dB
Deviation from OUTP to OUTN @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm, −25 dBm
±0.3
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm, −25 dBm
±0.3
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm, −25 dBm
±0.3
dB
Input A to Input B Isolation
Baluns = Macom ETC1.6-4-2-3 (both channels)
61
dB
Input A to OUTB Isolation
PINHB = −50 dBm, OUTB = OUTBPINHB ± 1 dB
33
dB
Input B to OUTA Isolation2
PINHA = −50 dBm, OUTA = OUTAPINHA ± 1 dB
33
dB
Input Impedance
INHA/INLA, INHB/INLB differential drive
167||0.14
Ω||pF
Input Return Loss
With recommended balun
−8
dB
MEASUREMENT MODE,
2.14 GHz OPERATION
ADJA = ADJB = 1.02 V, error referred to best fit line using
linear regression @ PINH[A, B] = −40 dBm and −20 dBm,
TA = 25°C, balun = Murata LDB212G1020C-001
±1 dB Dynamic Range1
Pins OUT[A, B], (Channel A/Channel B)
66/57
dB
−40°C < TA < +85°C
58/40
dB
±0.5 dB Dynamic Range1
Pins OUT[A, B], (Channel A/Channel B)
62/54
dB
−40°C < TA < +85°C
30/30
dB
Maximum Input Level
±1 dB Error, (Channel A/Channel B)
−2/−4
dBm
Minimum Input Level
±1 dB Error, (Channel A/Channel B)
−57−51
dBm
Slope
Channel A/Channel B
49.5/52.1
mV/dB
Intercept
Channel A/Channel B
−58.3/−57.1
dBm
Output Voltage—High Power In
Pins OUT[A, B] @ PINH[A, B] = −10 dBm
2.42
V
Output Voltage—Low Power In
Pins OUT[A, B] @ PINH[A, B] = −40 dBm
0.90
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com