Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 22 of 44
MEASUREMENT CHANNEL DIFFERENCE OUTPUT
USING OUT[P, N]
The AD8364 incorporates two operational amplifiers with rail-
to-rail output capability to provide a channel difference output.
As in the case of the output drivers for OUT[A, B], the output
stages have the capability of driving 70 mA. The output noise is
approximately 40 nV/√Hz at 100 kHz. OUTA and OUTB are
internally connected through 1 kΩ resistors to the inputs of each
operational amplifier. The pin VLVL is connected to the positive
terminal of both operational amplifiers through 1 kΩ resistors to
provide level shifting. The negative feedback terminal is also made
available through a 1 kΩ resistor. The input impedance of VLVL
is 1 kΩ and FBK[A, B] is 2 kΩ. See Figure 59 for the
connections of these pins.
CHANNEL A
TruPwr™
CHANNEL B
TruPwr™
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
VPSA
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
16
15
14
13
12
11
10
9
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
BIAS
TEMP
OUTA
OUTB
ISIG2
ITGT2
VGA
CONTROL
VGA
CONTROL
ISIG2
ITGT2
Figure 59. Operational Amplifier Connections (All Resistors are 1 kΩ ± 20%)
If OUTP is connected to FBKA, then OUTP is given as
OUTP = OUTA – OUTB + VLVL
(9)
If OUTN is connected to FBKB, then OUTN is given as
OUTN = OUTB – OUTA + VLVL
(10)
In this configuration, all four measurements, OUT[A, B, P, N],
are made available simultaneously. A differential output can be
taken from OUTP − OUTN, and VLVL can be used to adjust
the common-mode level for an ADC connection.
CONTROLLER MODE
The channel difference outputs can be used for controlling a
feedback loop to the AD8364 RF inputs. A capacitor connected
between FBKA and OUTP forms an integrator, keeping in mind
that the on-chip 1 kΩ feedback resistor forms a zero. (The value
of the on-chip resistors can vary as much as ±20% with manufac-
turing process variation.) If Channel A is driven and Channel B
has a feedback loop from OUTP through a PA, then OUTP
integrates to a voltage value such that
OUTB = (OUTA + VLVL)/2
(11)
The output value from OUTN may or may not be useful. It is
given by
OUTN = 0 V
(12)
For VLVL < OUTA/3,
Otherwise,
OUTN = (3 × VLVL – OUTA)/2
(13)
If VLVL is connected to OUTA, then OUTB is forced to equal
OUTA through the feedback loop. This flexibility provides the
user with the capability to measure one channel operating at a
given power level and frequency while forcing the other channel
to a desired power level at another frequency. ADJA and ADJB
must be set to different voltage levels to reduce the temperature
drift of the output measurement. The temperature drift will be
statistical sum of the drift from Channel A and Channel B. As
stated before, VLVL can be used to force the slaved channel to
operate at a different power than the other channel. If the two
channels are forced to operate at different power levels, then
some static offset occurs due to voltage drops across metal
wiring in the IC.
If an inversion is necessary in the feedback loop, OUTN can be
used as the integrator by placing a capacitor between OUTN
and OUTP. This changes the output equation for OUTB and
OUTP to
OUTB = 2 × OUTA − VLVL
(14)
For VLVL < OUTA/2,
OUTN = 0 V
(15)
Otherwise,
OUTN = 2 × VLVL – OUTA
(16)
The previous equations are valid when Channel A is driven and
Channel B is slaved through a feedback loop. When Channel B
is driven and Channel A is slaved, the above equations can be
altered by changing OUTB to OUTA and OUTN to OUTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com