Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 21 of 44
OUT[A, B, P, N] OUTPUTS
The output drivers used in the AD8364 are different than the
output stage on the AD8362. The AD8364 incorporates rail-to-
rail output drivers with pull-up and pull-down capabilities. The
output noise is approximately 40 nV/√Hz at 100 kHz. OUT[A,
B, P, N] can source and sink up to 70 mA. There is also an internal
load from both OUTA and OUTB to ACOM of 2.5 kΩ.
OUT[A, B]
VPS[A, B]
COM[A, B]
INTERNAL
VOLTAGE
2k
Ω
500
Ω
ACOM
Figure 57. OUT[A, B] Interface Simplified Schematic
OUTP
VPSR
VLVL
FBKA
COMR
OUTA
OUTB
OUTN
VPSR
VLVL
FBKB
COMR
OUTB
OUTA
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
Figure 58. OUT[P, N] Interface Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com