Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 14 of 44
PIN MEAS (dBm)
20
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10 15
2.0
1.0
1.5
0.5
0
–0.5
–1.5
–1.0
–2.0
ERROR CW
ERROR QPSK 4dB CF
ERROR 256 QAM 8dB CF
ERROR 1C TM1-32 DPCH
13dB CF
ERROR 16C CDMA2K
9CH SR1 14dB CF
Figure 33. Output Error from CW Linear Reference vs. Input Amplitude with
Different Waveforms, CW, QPSK, 256QAM, WCDMA 1-Carrier Test Model 1
with 32 DPCH, CDMA2000, 16-Carrier, 9-Channel SR1 Frequency 2.140 GHz,
CLP[A, B] = 1 µF, Balun = Murata LDB212G1020C-001
PIN MEAS (dBm)
20
–60 –55 –50 –45
–35 –30 –25 –20 –15
–5
–10
0
5
10 15
–40
2
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
ERROR CW
ERROR 3
CARRIER TM1-64
ERROR 4
CARRIER TM1-64
ERROR 1
CARRIER TM1-64
ERROR 2
CARRIER TM1-64
Figure 34. Error from CW Linear Reference vs. Input Amplitude with Different
Waveforms, CW, WCDMA1, 2-, 3-, and 4-Carrier, Test Model 1 with 64 DPCH,
Frequency 2.14 GHz, Balun = Murata LDB212G1020C-001
PIN MEAS (dBm)
20
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10 15
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
ERROR CW
ERROR 3 CARRIER
CDMA2K SR1
ERROR 4 CARRIER
WCDMA TM 1-64
Figure 35. Output Voltage and Error from CW Linear Reference vs. Input
Amplitude with Different Waveforms, CW, 3-Carrier CDMA2000 SR1,
4-Carrier WCDMA, Test Model 1 with 64 DPCH, Frequency 2.140 GHz,
Balun = Murata LDB212G1020C-001
PIN MEAS (dBm)
20
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10 15
2.0
1.0
1.5
–0.5
0
0.5
–1.0
–1.5
–2.0
ERROR CW
ERROR FWD 1 CARRIER
CDMA2K 9CH SR1
ERROR FWD 16
CARRIER CDMA2K
9CH SR1
ERROR FWD 4
CARRIER CDMA2K
9CH SR1
ERROR FWD 1 CARRIER
CDMA2K PILOTSR1
ERROR FWD 4
CARRIER CDMA2K
9CH SR1
ERROR FWD 3
CARRIER CDMA2K
9CH SR1
Figure 36. Error from CW Linear Reference vs. Input Amplitude with Different
Waveforms, CW, 1-Carrier CDMA2000 Pilot CH SR1, 1-Carrier CDMA2000
9CH SR1, 3-Carrier CDMA2000 9CH SR1, 4-Carrier CDMA2000 9CH SR1
Frequency 16-Carrier CDMA2000 9CH SR1, Frequency 2.140 GHz, Balun =
Murata LDB212G1020C-001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com