Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 16 of 44
10
100
1000
10000
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–20dB
–40dB
0dB
RF OFF
Figure 43. Noise Spectral Density of OUT[A, B]; CLP[A, B] = 0.1 µF,
Frequency = 2140 MHz
REF2 1.0V 2.0
µs
CH2 5.0V
CH4 1.0V
M2.0
µs 1.25GS/s
A CH2
2.1V
800ps/pt
2
B2
RF BURST ENABLE
OUTA
CARRIER FREQUENCY 450MHz,
CLPA = OPEN
0dBm
–20dBm
–40dBm
VDD = 5V
VA = 5V
VB = 0V
Figure 44. Output Response to RF Burst Input for Various RF Input Levels,
Carrier Frequency 450 MHz, CLPA = Open
REF2 1.0V 2.0ms
CH2 5.0V
CH4 1.0V
M2.0
µs 1.25MS/s
A CH2
2.1V
800ns/pt
2
B2
RF BURST ENABLE
OUTA
CARRIER FREQUENCY 450MHz,
CLPA = 0.1
µF
0dBm
–20dBm
–40dBm
VDD = 5V
VA = 5V
VB = 0V
Figure 45. Output Response to RF Burst Input for Various RF Input Levels,
Carrier Frequency 450 MHz, CLPA = 0.1 µF
REF2 1.0V 4.0
µs
CH2 5.0V
CH4 1.0V
M4.0
µs 625MS/s
A CH2
2.1V
1.6ns/pt
2
B2
OUTA
CARRIER FREQUENCY 450MHz,
CLPA = OPEN
0dBm
–20dBm
–40dBm
PWDN
VDD = 5V
VA = 5V
VB = 0V
Figure 46. Output Response Using Power-Down Mode for Various RF Input
Levels, Carrier Frequency 450 MHz, CLPA = Open
REF2 1.0V 2.0
µs
CH2 5.0V
CH4 1.0V
M2.0ms 1.25MS/s
A CH2
1.7V
800ns/pt
2
B2
OUTA
CARRIER FREQUENCY 450MHz,
CLPA = 0.1
µF
0dBm
–20dBm
–40dBm
PWDN
VDD = 5V
VA = 5V
VB = 0V
Figure 47. Output Response Using Power-Down Mode for Various RF Input
Levels, Carrier Frequency 450 MHz, CLPA = 0.1 µF, CHPA = 10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com