Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 17 of 44
RF INPUT (dBm)
20
–60
–40
–50
–20
–30
0
10
–10
2.0
1.5
0.5
1.0
–0.5
0
–1.5
–1.0
–2.0
Figure 48. Output Voltage Stability vs. VP (Supply Voltage) at 2.14 GHz,
When VP Varies by 10%,ADJ[A, B] =0.85 V, Sine Wave, Differential Drive,
Murata LDB212G1020C-001
VPWDN (V)
2.4
1.0
1.2
1.4
1.6
1.8
2.0
2.2
80
70
60
50
40
30
20
10
0
VPWDN
DECREASING
VPWDN
INCREASING
Figure 49. Supply Current vs. VPWDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com