Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8364ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 3 of 44
SPECIFICATIONS
VS = VPSA = VPSB = VPSR = 5 V, TA = 25°C, Channel A frequency = Channel B frequency, VLVL = VREF, VST[A, B] = OUT[A,
B], OUT[P, N] = FBK[A, B], differential input via Balun, CW input f ≤ 2.7 GHz, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Channel A and Channel B, CW sine wave input
Signal Input Interface
INH[A, B] (Pins 26, 31) INL[A, B] (Pins 27, 30)
Specified Frequency Range
LF
2.7
GHz
DC Common-Mode Voltage
2.5
V
Signal Output Interface
OUT[A, B] (Pins 15, 10)
Wideband Noise
CLP[A, B] = 0.1µF, fSPOT = 100 kHz,
RF input = 2140 MHz, ≥−40 dBm
40
nV/√Hz
MEASUREMENT MODE,
450 MHz OPERATION
ADJA = ADJB = 0 V, error referred to best fit line using
linear regression @ PINH[A, B] = −40 dBm and −20 dBm,
TA = 25°C, balun = M/A-Com ETK4-2T
±1 dB Dynamic Range1
Pins OUT[A, B]
69
dB
−40°C < TA < +85°C
65
dB
±0.5 dB Dynamic Range1
Pins OUT[A, B], (Channel A/Channel B)
62/59
dB
−40°C < TA < +85°C, (Channel A/Channel B)
50/52
dB
Maximum Input Level
±1 dB error
12
dBm
Minimum Input Level
±1 dB error
−58
dBm
Slope
51.6
mV/dB
Intercept
−59
dBm
Output Voltage—High Power In
Pins OUT[A, B] @ PINH[A, B] = −10 dBm
2.53
V
Output Voltage—Low Power In
Pins OUT[A, B] @ PINH[A, B] = −40 dBm
0.99
V
Temperature Sensitivity
Deviation from OUT[A, B] @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm
−0.1, +0.2
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm
−0.2, +0.3
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm
−0.3, +0.4
dB
Deviation from OUTP to OUTN @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm, −25 dBm
±0.25
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm, −25 dBm
±0.2
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm, −25 dBm
±0.2
dB
Input A to Input B Isolation
Baluns = Macom ETC1.6-4-2-3 (both channels)
71
dB
Input A to OUTB Isolation
Freq separation = 1 kHz
Input B to OUTA Isolation2
PINHB = −50 dBm, OUTB = OUTBPINHB ± 1 dB
54
dB
PINHA = −50 dBm, OUTA = OUTAPINHA ± 1 dB
54
dB
Input Impedance
INHA/INLA, INHB/INLB differential drive
210||0.1
Ω||pF
Input Return Loss
With recommended balun
−12
dB
MEASUREMENT MODE,
880 MHz OPERATION
ADJA = ADJB = 0 V, error referred to best fit line using
linear regression @ PINH[A, B] = −40 dBm and −20 dBm,
TA = 25°C, balun = Mini-Circuits® JTX-4-10T
±1 dB Dynamic Range1
Pins OUT[A, B], (Channel A/Channel B)
66/57
dB
−40°C < TA < +85°C
58/40
dB
±0.5 dB Dynamic Range1
Pins OUT[A, B], (Channel A/Channel B)
62/54
dB
−40°C < TA < +85°C
20/20
dB
Maximum Input Level
±1 dB error, (Channel A/Channel B)
8/0
dBm
Minimum Input Level
±1 dB error, (Channel A/Channel B)
−58/−57
dBm
Slope
51.6
mV/dB
Intercept
−59.2
dBm
Output Voltage—High Power In
Pins OUT[A, B] @ PINH[A, B] = −10 dBm
2.54
V
Output Voltage—Low Power In
Pins OUT[A, B] @ PINH[A, B] = −40 dBm
0.99
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com