Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8364ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LF to 2.7 GHz
Dual 60 dB TruPwr™ Detector
Data Sheet
AD8364
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RMS measurement of high crest-factor signals
Dual-channel and channel difference outputs ports
Integrated accurately scaled temperature sensor
Wide dynamic range ±1 dB over 60 dB
±0.5 dB temperature-stable linear-in-dB response
Low log conformance ripple
+5 V operation at 70 mA, –40°C to +85°C
Small footprint, 5 mm × 5 mm, LFCSP
APPLICATIONS
Wireless infrastructure power amplifier linearization/control
Antenna VSWR monitor
Gain and power control and measurement
Transmitter signal strength indication (TSSI)
Dual-channel wireless infrastructure radios
FUNCTIONAL BLOCK DIAGRAM
CHANNEL A
TruPwr™
CHANNEL B
TruPwr™
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
VPSA
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
16
15
14
13
12
11
10
9
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
BIAS
TEMP
OUTA
OUTB
ISIG2
ITGT2
VGA
CONTROL
VGA
CONTROL
ISIG2
ITGT2
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The AD8364 is a true rms, responding, dual-channel RF power
measurement subsystem for the precise measurement and control
of signal power. The flexibility of the AD8364 allows communi-
cations systems, such as RF power amplifiers and radio transceiver
AGC circuits, to be monitored and controlled with ease. Operating
on a single 5 V supply, each channel is fully specified for operation
up to 2.7 GHz over a dynamic range of 60 dB. The AD8364
provides accurately scaled, independent, rms outputs of both RF
measurement channels. Difference output ports, which measure
the difference between the two channels, are also available. The
on-chip channel matching makes the rms channel difference
outputs extremely stable with temperature and process variations.
The device also includes a useful temperature sensor with an
accurately scaled voltage proportional to temperature, specified
over the device operating temperature range. The AD8364 can
be used with input signals having rms values from −55 dBm to
+5 dBm referred to 50 Ω and large crest factors with no
accuracy degradation.
Integrated in the AD8364 are two matched AD8362 channels
(see the AD8362 data sheet for more information) with improved
temperature performance and reduced log conformance ripple.
Enhancements include improved temperature performance and
reduced log-conformance ripple compared to the AD8362. On-
chip wide bandwidth output operational amplifiers are connected
to accom-modate flexible configurations that support many
system solutions.
The device can easily be configured to provide four rms
measurements simultaneously. Linear-in-dB rms measurements
are supplied at OUTA and OUTB, with conveniently scaled
slopes of 50 mV/dB. The rms difference between OUTA and
OUTB is available as differential or single-ended signals at
OUTP and OUTN. An optional voltage applied to VLVL
provides a common mode reference level to offset OUTP and
OUTN above ground.
The AD8364 is supplied in a 32-lead, 5 mm × 5 mm LFCSP, for
the operating temperature of –40°C to +85°C.


Similar Part No. - AD8364ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8364ACPZ-REEL7 AD-AD8364ACPZ-REEL7 Datasheet
2Mb / 48P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
4/05-Revision 0
AD8364ACPZ-RL21 AD-AD8364ACPZ-RL21 Datasheet
2Mb / 48P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
4/05-Revision 0
More results

Similar Description - AD8364ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361 AD-AD8361 Datasheet
306Kb / 16P
LF to 2.5 GHz TruPwr??Detector
REV.A
AD8362 AD-AD8362 Datasheet
11Kb / 36P
50 Hz to 2.7 GHz 60 dB TruPwr??Detector
3/04-Data Sheet Changed from Rev. A to Rev. B.
AD8364 AD-AD8364 Datasheet
2Mb / 48P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
4/05-Revision 0
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr Detector
REV. C
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
LF to 2.5 GHz TruPwr Detector
7/15-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com