Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 33 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 29Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 30Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 31Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 32Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 33Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 34Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 35Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 36Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 33 of 44
–2.0
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
PIN MEAS (dBm)
10
–60
–45 –40 –35
–55 –50
–25 –20 –15
–30
–5
0
5
–10
PIN1
VOUT2
VOUT1
PIN2
INTERCEPT
3.50
2.80
3.15
2.10
2.45
1.40
1.75
0.70
0.35
1.05
0
ERROR CW +25°C
ERROR CW –40°C
ERROR CW +85°C
BLUE = –40°C
GREEN = +25°C
RED = +85°C
Figure 70. Output Voltage and Error vs. PIN with 2-Point Calibration at
−15 dBm and −25 dBm, 2.14 GHz
57dB DYNAMIC RANGE
–2.0
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
PIN MEAS (dBm)
10
–60
–45 –40 –35
–55 –50
–25 –20 –15
–30
–5
0
5
–10
3.50
2.80
3.15
2.10
2.45
1.40
1.75
0.70
0.35
1.05
0
ERROR CW +25°C
ERROR CW +85°C
PIN1PIN2
VOUT2
VOUT1
ERROR CW –40°C
Figure 71. Dynamic Range Extension by Choosing Calibration Points that are
Close to the End of the Linear Range, 2.14 GHz
–2.0
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
PIN MEAS (dBm)
10
–60
–45 –40 –35
–55 –50
–25 –20 –15
–30
–5
0
5
–10
3.50
2.80
3.15
2.10
2.45
1.40
1.75
0.70
0.35
1.05
0
ERROR CW +25°C
ERROR CW –40°C
ERROR CW +85°C
Figure 72. Error vs. Temperature with Respect to Output Voltage at 25 °C,
2.14 GHz (Does Not Account for Transfer Function Nonlinearities at 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com