Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 40 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 36Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 37Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 38Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 39Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 40Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 41Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 42Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 43Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 40 of 44
EVALUATION BOARD
AD8364-EVALZ is a 4-layer, FR4-based printed circuit board.
For normal operation, it requires a 5 V/100 mA power supply.
The 5 V power supply should be connected to the clip leads
labeled VPS and COMM1. The two RF input signals are applied
to two edge-mounted SMA-type RF connectors. The output
signals are accessible via the OUTA, OUTB, OUTN, OUTP,
and TEMP clip leads. The circuit board can also accommodate
6-pin and 26-pin headers through which the power supply,
ground, temperature adjust nodes, and output signal pins are
accessible (the circuit board is shipped with these headers not
installed).
The two RF input signals are applied to two broadband baluns
(Anaren BD0826J50200A00), which, in turn, drive the AD8364
RF inputs. This device is specified to operate from 800 MHz to
2.6 GHz but is operational from 500 MHz to 2.7 GHz. To oper-
ate below 500 MHz, these baluns can be removed so that the
AD8364 is driven single-ended.
1.5K
BLK
OUTB
DNI
DNI
DNI
0.1UF
BLK
BLK
DNI
0.1UF
BLK
1K
1K
0.1UF
100PF
VPS
0.1UF
0.1UF
JOHNSON142-0701-851
BLK
VPS
BD0826J50200A00
0.1UF
BD0826J50200A00
0.1UF
JOHNSON142-0701-851
0.1UF
VPS_SENSE
OUTN
OUTA
VPS
1K
0.1UF
DNI
DNI
DNI
TBD0805
22UF
PWDN
1000PF
100PF
ADJA
1.5K
OUTB
PWDN
OUTN
VSTA
22UF
0.1UF
100PF
OUTP
0.1UF
VREF
100PF
VPS
OUTP
1K
0.1UF
1K
VREF
100PF
TEMP
VSTB
OUTA
1K
1K
3M3429-1302
VREF
DNI
DNI
DNI
DNI
1K
DNI
DNI
22-12-2064
VPS
BLK
BLK
BLK
DNI
1K
DNI
1K
DNI
TEMP
BLK
BLK
ADJB
BLK
ADJA
0.1UF
ADJB
BLK
DUT
1
17
18
19
2
20
21
22
23
24
3
4
5
6
7
8
C22
C1
C8
C16
R35
R14
R32
R9
C14
R24
C9
C12
C24
C23
C10
P1
1
10
11
12
13
14
15
16
17
18
19
2
20
21
22
23
24
25
26
3
4
5
6
7
8
9
R25
L1
C13
C11
R41
C7
C6
C21
C19
C20
C3
C4
C5
C2
VPS
1
P2
1
2
3
4
5
6
T1
3
4
2
5
6
1
T2
3
4
2
5
6
1
R20
R18
R19
R17
R2
INB
1
2 3 4 5
INA
1
2
3
4
5
COMM2
1
COMM1
1
COMM3
1
COMM4
1
OUTB
1
OUTN
1
OUTP
1
OUTA
1
TEMP
1
ADJA
1
ADJB
1
VREF
1
AGND
AGND
AGND
AGND
G2
G1
NC6
BAL2
BAL1
UNBAL
G2
G1
NC6
BAL2
BAL1
UNBAL
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AD8364ACPZ
Figure 84. AD8364 Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com