Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 29Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 30Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 27 of 44
CONSTANT OUTPUT POWER OPERATION
In controller mode, the AD8364 can be used to hold the output
power stable over a broad temperature/input power range. This
can be very useful in systems, such as a transmit module driving
a high power amplifier (HPA) in a base station, that connect
multiple power sensitive modules together. In applications
where stable output power is needed, the RF output is
connected to Channel B using a coupler, VLVL is connected to
VREF, VSTB is used to set the power to a particular level and
can be controlled using a DAC or a dc voltage, OUTB is used to
drive the gain control of an amplifier that is capable of negative-
gain law conformance (such as the AD8367), and ADJB (set at
0 V in this example) is used to control the temperature drift.
Using this configuration, the RF input signal is down converted
to 80 MHz using the AD8343 and amplified using the AD8367.
The signal then splits and part of it is fed back to the AD8364
through Channel B, and a setpoint voltage is applied to VSTB.
This voltage corresponds to a particular power level, which is
determined by the slope of the AD8364. The power detected at
the input of the AD8364 is compared with this voltage, and the
voltage present at OUTB is adjusted up or down to match the
setpoint voltage, with the power detected on the input. The
OUTB voltage is connected to the gain control of the AD8367
VGA and increases or decreases the gain of the AD8367,
resulting in the output power being held constant, regardless of
variations in the input power.
The AD8364 is able to maintain a fixed output power from the
AD8367 even though the input power is changing. The input
power can vary over a 36 dB range, while the output power
remains constant and the drift over temperature is less than 0.2 dB
Figure 64 shows a constant output power circuit using the
AD8364 and the AD8367 VGA. The input power was swept
from +3 dBm to −35 dBm, the output power was measured at
multiple temperatures between −40°C and +85°C, and the
power changed less than ±0.07 dB (Figure 63).
PIN (dBm)
5
–40
–35
–30
–20
–15
–25
–10
–5
0
–15.0
–15.2
–15.3
–15.1
–15.4
–15.5
–15.7
–15.6
–15.8
–15.9
–16.0
POUT +25°C
–20°C
POUT –40°C
POUT +85°C
Figure 63. AD8364 Constant Power Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com