Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 23 of 44
RF MEASUREMENT MODE BASIC CONNECTIONS
The AD8364 requires a single supply of nominally 5 V. The
supply is connected to the three supply pins, VPSA, VPSB, and
VPSR. Each pin must be decoupled using the two capacitors
with values equal or similar to those shown in Figure 60. These
capacitors must provide a low impedance over the full frequency
range of the input, and they must be placed as close as possible to
the VPOS pins. Two different capacitors are used in parallel to
provide a broadband ac short to ground.
The input signals are applied to the input differentially. The RF
inputs of the AD8364 have a differential input impedance of 200 Ω.
When the AD8364 RF inputs are driven from a 50 Ω source, a
4:1 balun transformer is recommended to provide the necessary
impedance transformation. The inputs can be driven single-ended,
however, this reduces the measurement range of the rms detectors
(see the Single-Ended Input Operation section).
Table 4. Baluns Used to Characterize the AD8364
Frequency
Balun
450 MHz
MIA-COM ETK4-2T
880 MHz
Mini-Circuits JTX-4-10T
1880 MHz
Murata LDB181G8820C-110
2140 MHz
Murata LDB212G1020C-001
2500 MHz
Murata LDB182G4520C-110
The device is placed in measurement mode by connecting OUTA
and/or OUTB to VSTA and/or VSTB, respectively. This closes the
AGC loop within the device with OUT[A, B] representing the
VGA control voltage, which is required to present the correct
rms voltage at the input of the internal square law detector.
As the input signal to Channel A and Channel B are swept over
their nominal input dynamic range of +10 dBm to −50 dBm,
the output swings from 0 V to 3.5 V. The voltages OUTA and
OUTB are also internally applied to a difference amplifier with
a gain of two. So as the dB difference between INA and INB ranges
from approximately −30 dB to +30 dB, the difference voltage on
OUTP and OUTN swings from −3.5 V to +3.5 V. Input differences
larger than ±30 dB can be measured as long as the absolute input
level at INA and INB are within their nominal ranges of +10 dBm
to −50 dBm. However, measurement of large differences between
INA and INB are affected by on-chip signal leakage (see the
Channel Isolation section). The common-mode level of OUTP
and OUTN is set by the voltage applied to VLVL. These output
can be easily biased up to a common-mode voltage of 2.5 V by
connecting VREF to VLVL. As the gain range is swept, OUTP
swings from approximately 1 V to 4.5 V and OUTN swings
from 4.5 V to 1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com