Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 10 of 44
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
B
A
Figure 9. OUT[A, B] Voltage and Log Conformance vs. Input Amplitude at
880 MHz, Typical Device, ADJ[A, B] = 0.5 V, Sine Wave, Differential Drive,
Balun = Mini-Circuits JTX-4-10T
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
A
B
Figure 10. Distribution of OUT[A, B] Voltage and Error over Temperature
After Ambient Normalization vs. Input Amplitude for at Least 15 Devices
from Multiple Lots, Frequency = 880 MHz, ADJ[A, B] = 0.5 V, Sine Wave,
Differential Drive, Balun =JTX-4-10T
0.20
–0.20
–60
20
0.15
0.10
0
–50
–40
–30
–20
–10
0
10
INPUT AMPLITUDE (dBm)
–0.15
–0.10
–0.05
0.05
Figure 11. Distribution of [OUTA – OUTB] Voltage vs. Input Amplitude over
Temperature for at Least 15 Devices from Multiple Lots, Frequency =
880 MHz, ADJ[A, B] = 0.5 V, Sine Wave, Differential Drive, Balun =JTX-4-10T
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
OUTN
OUTP
Figure 12. OUT[P, N] Voltage and Log Conformance vs. Input Amplitude at
880 MHz, with B Input Held at −25 dBm and A Input Swept, Typical Device,
ADJ[A, B] = 0.5 V, Sine Wave, Differential Drive, Balun = JTX-4-10T
(Note that the OUTP and OUTN Error Curves Overlap)
5
–5
–60
20
3
–50
–40
–30
–20
–10
0
10
INPUT AMPLITUDE (dBm)
–3
–1
1
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
4
2
–4
–2
0
Figure 13. Distribution of [OUTP − OUTN] Voltage and Error over
Temperature After Ambient Normalization vs. Input Amplitude for at Least
15 Devices from Multiple Lots, Frequency = 880 MHz, ADJ[A, B] =0.5 V, Sine
Wave, Differential Drive, PIN Ch. B = −25 dBm, Channel A Swept
RF INPUT AT INLA (dBm)
10
–40
–35
–30
–25
–20
–15
–10
–5
0
5
4
2
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
REF
+1dB
+2dB
-1dB
-2dB
+10DEG
+20DEG
-10DEG
-15DEG
+30DEG
SERIES NAME INDICATES THE POLARITY
AND MAGNITUDE OF THE DEVIATION
APPLIED TO THE INHA INPUT, RELATIVE
TO THE INLA INPUT, AS REFERENCED TO
THE REF SIGNAL.
Figure 14. Log Conformance vs. Input Amplitude at Various Amplitude and
Phase Balance points, 880 MHz, Typical Device, ADJ[A, B] = 0.5 V, Sine Wave,
Differential Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com