Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364ACPZ-R2 Datasheet(PDF) 34 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 30Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 31Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 32Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 33Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 34Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 35Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 36Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 37Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 34 of 44
CHANNEL ISOLATION
Isolation must be considered when using both channels of the
AD8364 at the same time. The two isolation requirements that
must be considered are the isolation from one RF channel input
to the other RF channel input and the isolation from one RF
channel input to the other channel output. When using both
channels of the AD8364, care must be taken in the layout to
isolate the RF inputs from each other. Coupling on the PC
board affects both types of isolation.
In most applications, the designer has the ability to adjust the
power going into the AD8364 through the use of different
valued temperature-stable couplers and accurate temperature-
stable attenuators. When isolation is a concern, it is useful to
adjust the input power so the lowest expected detectable power
is not far from the lowest detectable power of the AD8364 at the
frequency of operation. The AD8364 lowest detectable power
point has little variation from part to part and is not affected by
the balun. This equalizes the signals on both channels at their
lowest possible power level, which reduces the overall isolation
requirements and possibly adds attenuators to the RF inputs of
the device, reducing the RF channel input isolation requirements.
Measuring the RF channel input to the other RF channel input
isolation is straight forward, and the result of such an exercise is
shown in Figure 73. Note that adding an attenuator in series with
the RF signal increases the channel input-to-input isolation by
the value of the attenuator.
The isolation between one RF channel input and the other channel
output is a little more complicated. Do not assume that worst-
case isolation happens when one RF channel has high power
and the other RF channel is set at the lowest detectable power.
Worst-case isolation happens when the low power channel is at a
nominally low power level, as chosen in Figure 74. If the inputs
to both RF channels are at the same frequency, the isola-tion
also depends on the phase shift between the RF signals put into
the AD8364. This can be seen by placing a high power signal on
one RF channel input and another signal (low power) slightly offset
in frequency to the other RF channel. If the output of the low power
channel is observed with an oscilloscope, it has a ripple that looks
similar to a full-wave rectified sine wave with a frequency equal
to the frequency difference between the two channels, that is, a
beat tone. The magnitude of the ripple reflects the isolation at a
specific phase offset (note that two signals of slightly different
freq-uencies act like two signals with a constantly changing
phase), and the frequency of that ripple is directly related to the
frequency offset. The data taken in Figure 74 assumes worst-case
amplitude and phase offset. If the RF signals on Channel A and
Channel B are at significantly different frequencies, the input-to-
output isolation increase, depending on the capacitors placed
on CLP[A, B] and CHP[A, B] and the frequency offset of the two
signals (Figure 75), due to the response roll-off within AD8364.
FREQUENCY (MHz)
10,000
10
100
1,000
–40
–50
–60
–70
–80
–90
–45
–55
–65
–75
–85
A->B
B->A
Figure 73. RF Channel Input-to-Input Isolation
INTERFERING CHANNEL AMPLITUDE (dBm)
15
–20
–10
–15
0
–5
5
10
16
14
12
10
8
6
4
2
0
B–>A
450 MHz
A–>B
450 MHz
B–>A 880MHz
A–>B 880MHz
B–>A 1880MHz
A–>B 1880MHz
B–>A 2140MHz
A–>B 2140MHz
B–>A 2500 MHz
A–>B
2500MHZ
PEAK INTERFERENCE (IN dB) TO A –45dBm INPUT SIGNAL
DUE TO AN INTERFERING SIGNAL ON THE OTHER
CHANNEL. A->B = A INTERFERING WITH B, X-AXIS IS
CHANNEL A INPUT B->A = B INTERFERING WITH A, X-AXIS
IS CHANNEL B INPUT FREQUENCY SEPARATION OF THE
TWO CHANNELS = 1kHz. SEE CHARACTERIZATION
DESCRIPTION SECTION FOR MORE INFORMATION.
Figure 74. Apparent Measurement Error Due to Overall Channel-to-Channel
Cross-Coupling
0
1
2
3
4
5
6
7
–20
–15
–10
–5
0
5
10
15
INTERFERING CHANNEL AMPLITUDE (dBm)
B->A
A->B
PEAK INTERFERENCE (IN dB) TO A -45dBm INPUT
SIGNAL DUE TO AN INTERFERING SIGNAL ON THE
OTHER CHANNEL.
A->B = A INTERFERING WITH B, X-AXIS IS CHANNEL A
INPUT Freq chA = 2500 MHz Freq CHB = 1880MHz
B->A = B INTERFERING WITH A, X-AXIS IS
CHANNEL B INPUT Freq CHB = 2500 MHz
Freq CHA = 1880 MHz
FREQUENCY SEPARATION OF THE
TWO CHANNELS = 620 MHz.
SEE CHARCTERIZATION DESCRIPTION
SECTION FOR MORE INFORMATION
Figure 75. Improved Measurement Error with Increased Frequency
Separation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com