Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 29 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 29 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 33Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 29 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Low level communication protocol
9.2.
Start / Stop condition
9.2.1.
Each communication session is initiated by a START condition and ends with a STOP condition. A START condition is
initiated by a HIGH to LOW transition of the SDA while a STOP is generated by a LOW to HIGH transition. Both
changes must be done while the SCL is HIGH (see the figure)
Figure 18: Start / Stop conditions of I
2C
Device addressing
9.2.2.
The master is addressing the slave device by sending a 7-bit slave address after the START condition. The first seven
bits are dedicated for the address and the 8
th is Read/Write (R/W) bit. This bit indicates the direction of the transfer:
•
Read (HIGH) means that the master will read the data from the slave
•
Write (LOW) means that the master will send data to the slave
Mlx90621 is responding to 2 different slave addresses:
for access to internal EEPROM
For access to IR array data
Figure 19: I
2C addresses
Acknowledge
9.2.3.
During the 9
th clock following every byte transfer the transmitter releases the SDA line. The receiver acknowledges
(ACK) receiving the byte by pulling SDA line to low or does not acknowledge (NoACK) by letting the SDA ‘HIGH’.
Low level communication operation
9.2.4.
The low level operation communication is based on 8bits (1byte) transmissions. This includes start/stop event,
acknowledgement and errors detection.
Figure 20: I
2C communication
START
STOP
SCL
SDA
1
0
1
0
0
0
0
R/W
1
1
0
0
0
0
0
R/W
S
T
A
R
T
8 Bits
I2C
transmission
S
T
O
P
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com