Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 13 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
-
Single line read
Figure 12 Single line (SA = 0x60, command = 0x02, Start address = 0x00…0x03 (step 0x01),
Address step = 0x04, Number of reads = 0x10) measurement result read
-
Single pixel read
Figure 13 Single pixel (SA = 0x60, command = 0x02, Start address = 0x00…0x3F,
Address step = 0x00, Number of reads = 0x01) measurement result read
-
Compensation pixel read
Figure 14 Compensation pixel (SA = 0x60, command = 0x02, Start address = 0x41,
Address step = 0x00, Number of reads = 0x01) measurement result read
The 16bit data for each pixel is:
#
( ,&) #
( ,&)()*+,-:#
( ,&).)*+,-
SCL
SDA
1
0
1
0
0
0
0
A
0
0
0 0
0 1
0 A
S
A
0
Slave address
Command
Address step
0
0
0 0
1 0
0
0
A
A
Number of reads
0
0
1 0
0 0
0
0
S 1
0
1
0
0
0
R A
0
Slave address
Start address
A
P
IR pixel(line, 0)
LSByte
IR pixel(line, 0)
MSByte
A
A
IR pixel(line, 1)
LSByte
A
IR pixel(line, 1)
MSByte
A
IR pixel(line, 15)
LSByte
A
IR pixel(line, 15)
MSByte
W
SCL
SDA
1
0
1
0
0
0
0
A
0
0
0 0
0 1
0 A
S
A
A
0
P
Slave address
Command
Address step
0
0
0 0
0 0
0
0
A
A
Number of reads
0
0
0 0
0 0
1
0
S
IR pixel data
LSByte
1
0
1
0
0
0
R A
0
Slave address
IR pixel data
MSByte
A
Start address
W
SCL
SDA
1
0
1
0 0 0
0
A
0 0 0 0 0 1 0 A
S
A
A
0
P
Slaveaddress
Command
1 0 0 0 0 0 1
Start address
0
Addressstep
0 0 0 0 0 0 0
0
A
A
Number of reads
0 0 0 0 0 0 1
0
S
PTATdata
LSByte
1
0
1
0 0 0
A
0
Slaveaddress
PTATdata
MSByte
A
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com