Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 35 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 35 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 39Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 35 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Noise performance and resolution
10.2.
There are two bits in the configuration register that allow changing the resolution of the MLX90621 measurements.
Increasing the resolution decreases the quantization noise and improves the overall noise performance.
Measurement conditions for the noise are: To=Ta=25°C
NOTE: It is normal that the noise will decrease for high temperature and increase for lower temperatures
Figure 27: Central pixels noise
Figure 28: Corner pixels noise
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0.5
1
2
4
8
16
32
64
128
256
512
Refresh rate, Hz
Central pixels RMS noise at different refresh rates and
maximum resolution (Configuration register[5:4] = 11b)
MLX90621BAA (120°X25°)
MLX90621BAB (60°X15°)
MLX90621BAD (40°X10°)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.5
1
2
4
8
16
32
64
128
256
512
Refresh rate, Hz
Corner pixels RMS noise at different refresh rates and
maximum resolution (Configuration register[5:4] =
11b)
MLX90621BAA (120°X25°)
MLX90621BAB (60°X15°)
MLX90621BAD (40°X10°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com