Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 37 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 37 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 41Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 37 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Applications Information
11.
Use of the MLX90621 thermometer in I
2C configuration
11.1.
Figure 30: MLX90621 I
2C connection
As the MLX90621xxx is fully I
2C compatible it allows to have a system in which the MCU may be supplied with
VDD=2.5…5V while the sensor it’s self is supplied from separate supply VDD1=2.6V (or even left with no supply i.e.
VDD=0V), with the I
2C connection running at supply voltage of the MCU.
Application Comments
12.
Significant contamination at the optical input side (sensor filter) might cause unknown additional filtering/distortion
of the optical signal and therefore result in unspecified errors.
IR sensors are inherently susceptible to errors caused by thermal gradients. There are physical reasons
for these phenomena and, in spite of the careful design of the MLX90621xxx, it is recommended not to
subject the MLX90621 to heat transfer and especially transient conditions.
The MLX90621 is designed and calibrated to operate as a non-contact thermometer in settled conditions.
Using the thermometer in a very different way will result in unknown results.
Capacitive loading on an I
2C can degrade the communication. Some improvement is possible with use of current
sources compared to resistors in pull-up circuitry. Further improvement is possible with specialized commercially
available bus accelerators. With the MLX90621 additional improvement is possible by increasing the pull-up current
(decreasing the pull-up resistor values). Input levels for I
2C compatible mode have higher overall tolerance than the
I
2C specification, but the output low level is rather low even with the high-power I2C specification for pull-up
currents. Another option might be to go for a slower communication (clock speed), as the MLX90621 implements
Schmidt triggers on its inputs in I
2C compatible mode and is therefore not really sensitive to rise time of the bus (it is
more likely the rise time to be an issue than the fall time, as far as the I
2C systems are open drain with pull-up).
2 - SDA
4 - VSS
3 - VDD
1 - SCL
MCU
VDD
VDD1
MCU VDD = 2.5...5V
SENSOR VDD = 2.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com