Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90621 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 2 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
General Description (continued)
The results of the infrared sensor measurements are stored in RAM:
•
15...18-bit result of IR measurement for each individual sensor (64 words)
•
15…18-bit result of PTAT sensor
Depending on the application, the external microcontroller can read the different RAM data and, based on the
calibration data stored in the EEPROM memory, compensate for difference between sensors to build up a thermal
image, or calculate the temperature at each spot of the imaged scene.
These constants are accessible by the user microcontroller through the I2C bus and have to be used for external post
processing of the thermal data. This post processing includes:
•
Ta calculation
•
Pixel offset cancelling
•
Pixel to pixel sensitivity difference compensation
•
Object emissivity compensation
•
Object temperature calculation
The result is an image with NETD better than 0.1K RMS at 1Hz refresh rate.
The refresh rate of the array is programmable by means of register settings or directly via I2C command. Changes of
the refresh rate have a direct impact on the integration time and noise bandwidth (faster refresh rate means higher
noise level). The frame rate is programmable in the range 0.5Hz…512Hz and can be changed to achieve the desired
trade-off between speed and accuracy.
The MLX90621 requires a single 2.6V…3.2V although the device is calibrated and performs best at VDD=2.6V.
The MLX90621 is factory calibrated in following temperature ranges:
•
-40˚C…85˚C for the ambient temperature sensor
•
-50˚C…300˚C for the object temperature.
NOTE: The sensor can detect higher temperatures, but is not calibrated for temperatures above 300°C.
See Table 21 for configuration specific properties.
Each pixel of the array measures the average temperature of all objects in its own Field Of View (called nFOV).
It is very important for the application designer to understand that the accuracy of the temperature measurement
is very sensitive to the thermal equilibrium isothermal conditions (there are no temperature differences across
the sensor package). The accuracy of the thermometer can be influenced by temperature differences in the
package induced by causes like (among others): Hot electronics behind the sensor, heaters/coolers behind or
beside the sensor or by a hot/cold object very close to the sensor that not only heats the sensing element in the
thermometer but also the thermometer package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com