Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 7 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Electrical characteristics
5.
All parameters are valid for TA = 25˚C, VDD =2.6V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supplies
External supply
1
VDD
2.5
2.6
3.3
V
Supply current
IDD
No load
5
9
mA
Sleep current
Islp
No load
7
µA
Power On Reset
POR level
VPOR_up
Power-up (full temp range)
2
2.2
2.4
V
POR level
VPOR_down
Power –down (full temp range)
1.9
2.1
2.3
V
POR hysteresis
VPOR_hys
Full temp range
0.1
V
VDD rise time (10% to 90% of
specified supply voltage)
TPOR
Ensure POR signal
100
µs
I
2C compatible 2-wire interface Sensor chip
Slave address
SA
Factory default
60
hex
Input high voltage
VIH (Ta, V)
Over temperature and supply
0.7VDD
V
Input low voltage
VIL (Ta, V)
Over temperature and supply
0.3VDD
V
Output low voltage
VOL
SDA over temperature and supply,
Isink = 6mA (FM mode)
0.6
V
Output low voltage
VOL
SDA over temperature and supply,
Isink = 20mA (FM+ mode)
0.4
V
SCL leakage
ISCL, leak
VSCL=4V, Ta=+85°C
2
µA
SDA leakage
ISDA, leak
VSDA=4V, Ta=+85°C
2
µA
SCL capacitance
CSCL
Two dies MLX90670 + EEPROM
20
pF
I
2C clock frequency
SCLIR
MLX90621 (FM+ mode)
1
MHz
Acknowledge setup time
Tsuac(MD)
8-th SCL falling edge, Master
0.45
µs
Acknowledge hold time
Thdac(MD)
9-th SCL falling edge, Master
0.45
µs
Acknowledge setup time
Tsuac(SD)
8-th SCL falling edge, Slave
0.45
µs
Acknowledge hold time
Thdac(SD)
9-th SCL falling edge, Slave
0.45
µs
EEPROM
Slave address
SA
Factory default
50
hex
I
2C clock frequency
SCLEEPROM
EEPROM (FM mode)
400
kHz
Data retention
Ta = +85°C
200
years
Erase/write cycles
Ta = +25°C
1M
Times
Erase/write cycles
Ta = +125°C
100K
Times
Erase cell time
T_erase
5
ms
Write cell time
T_write
5
ms
Table 4 Electrical specification parameters of MLX90621
1) The device can be supplied with VDD = 2.6…3.3V but the best performance is achieved at VDD=2.6V. For supply
voltages above 2.7V a compensation algorithm should be applied for compensating the temperature readings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com