Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 36 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 36 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 40Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 36 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
The higher resolution limits the maximum object temperature range of the MLX90621.
Configuration register[5:4],
bin
Resolution
Maximum object temperature,
°C
BAA
BAB
BAD
00
15 bits
~750
~950
~1100
01
16 bits
~550
~750
~900
10
17 bits
~450
~600
~700
11
18 bits
~320
~450
~500
Table 21 Maximum object temperature at different resolution settings
NOTE: If object temperature exceeds the maximum object temperature specified for the corresponding resolution,
the MLX90621 may return invalid data due to measurements overflow.
Field Of View (FOV)
10.3.
Figure 29: Field Of View measurement
The specified FOV is calculated for the wider direction, in this case for the 16 pixels.
Angular alignment must be 5% of specified FOV and will be valid for both directions. For example for the 60° FOV in
the wider direction will come with 16° in the shorter direction.
FOV
X direction
Y direction
Typ
Typ
MLX90621-ESF-BAA
120
25
MLX90621-ESF-BAB
60
16
MLX90621-ESF-BAD
40
10
Table 22 Available FOV options
Point heat source
Rotated sensor
Angle of incidence
100%
50%
Sensitivity
Field Of View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com