Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 12 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Read measurement data (RAM data)
7.2.
PTAT data read
7.2.1.
Absolute ambient temperature data of the device itself (package temperature) can be read by using following
command:
Figure 9 PTAT (SA = 0x60, command = 0x02, Start address = 0x40,
Address step = 0x00, Number of reads = 0x01) measurement result read
! :
" !
IR data read
7.2.2.
There are four options available for reading IR data: (See section 8.2.1 for an overview of the RAM addresses).
-
Whole frame read (MELEXIS recommends the whole frame read for maximum refresh rate)
Figure 10 Whole frame (SA = 0x60, command = 0x02, Start address = 0x00,
Address step = 0x01, Number of reads = 0x40) measurement result read
-
Single column read
Figure 11 Single column (SA = 0x60, command = 0x02, Start address = 0x00…0x3C (step 0x04),
Address step = 0x01, Number of reads = 0x04) measurement result read
SCL
SDA
1
0
1
0 0 0
0
A
0 0 0 0 0 1 0 A
S
A
A
0
P
Slave address
Command
1 0 0 0 0 0 0
Start address
0
Address step
0 0 0 0 0 0 0
0
A
A
Number of reads
0 0 0 0 0 0 1
0
S
PTAT data
LSByte
1
0
1
0 0 0
A
0
Slave address
PTAT data
MSByte
A
W
R
SCL
SDA
1
0
1
0
0
0
0
A
0
0
0 0
0 1
0 A
S
A
0
Slave address
Command
Address step
0
0
0 0
0 0
0
A
A
Number of reads
1
0
0 0
0 0
0
0
S 1
0
1
0
0
0
R A
0
Slave address
A
P
IR pixel(0, 0)
LSByte
IR pixel(0, 0)
MSByte
A
A
IR pixel(1, 0)
LSByte
A
IR pixel(1, 0)
MSByte
A
IR pixel(3, 15)
LSByte
A
IR pixel(3, 15)
MSByte
Start address
0 0
0 0
0 0
0
0
1
W
SCL
SDA
1
0
1
0 0
0
0
A
0
0
0 0
0 1
0 A
S
A
0
Slave address
Command
Address step
0
0
0 0
0 0
1
0
A
A
Number of reads
0
0
0 0
1 0
0
0
S 1
0
1
0
0 0
R A
0
Slave address
Start address
A
P
IR pixel(0, column)
LSByte
IR pixel(0, column)
MSByte
A
A
IR pixel(1, column)
LSByte
A
IR pixel(1, column)
MSByte
A
IR pixel(3, column)
LSByte
A
IR pixel(3, column)
MSByte
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com