Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 10 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Initialization
7.1.
After the POR is released the external MCU must execute an initialization procedure.
This procedure must start at least 5ms after POR release.
-
Read the whole EEPROM (see Figure 4). For maximum speed performance MELEXIS recommends that
the whole calibration data is stored into the client MCU RAM. However it is possible to read the
calibration data from the EEPROM only when needed during calculations. This will result in increased
time for temperature calculation i.e. low refresh rate.
Figure 4 Whole EEPROM dump (SA = 0x50, command = 0x00)
-
Store the EEPROM content into customer MCU RAM – This step could be omitted resulting in more
data processing time because calibration data needs to be reread for each calculation
-
Write the oscillator trimming value (extracted from EEPROM content at address 0xF7) into the
corresponding register (0x93).
Figure 5 Write oscillator trimming (SA = 0x60, command = 0x04)
Example: If the value that has to be uploaded is 0x0052 the following sequence must be sent:
1.
Start condition (Falling edge of SDA while SCL is high)
2.
Slave address (SA=0x60) plus write bit = 0xC0
3.
Command = 0x04
4.
LSByte check = LSByte – 0xAA = 0x52 – 0xAA = 0xA8
5.
LSbyte = 0x52
6.
MSByte check = MSByte – 0xAA = 0x00 – 0xAA = 0x56
7.
MSbyte = 0x00
8.
Stop condition (Rising edge of SDA while SCL is high)
-
Write device configuration value. In EEPROM addresses (0xF5 and 0xF6) MELEXIS provides a typical
value of the configuration register (0x463E). So it is up to the user to copy that value or hardcode a new
value to be loaded into the configuration register. If the EEPROM value is to be used the 16 bits are
combined as follows:
For example: if EEPROM 0xF5 = 0x3E and 0xF6 = 0x46, the Configuration register value is:
0 6:0 5
SCL
SDA
1
0
1 0
0
0
0
0
A
0
0
0 0
0 0
0 A
S
S
0
1 0
0
0 0
A
1
A
DATA(0x00)
Initial address - 0x00
DATA(0x01)
A
DATA(0xFF)
P
Slave address
Command
R
Slave address
W
SCL
SDA
1
0
1
0
0
0
0
A
0
0
0 0
1 0
0 A
S
A
A
LSByte check
(LSByte - 0xAA)
LSByte data
A
0
MSByte check
(MSByte - 0xAA)
MSByte data
A
P
Slave address
Command
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com