Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 27 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 27 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 31Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 27 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Detailed descriptions of some of the EEPROM addresses are described here after:
C7
C6
C5
C4
C3
C2
C1
C0
EEPROM cell meaning
Ks_scale
[7:4] - reserved
[3:0] - Ks_scale - 8
- MLX reserved
Table 15: C0…C7 EEPROM cell meaning
D7
D6
D5
D4
D3
D2
D1
D0
EEPROM cell meaning
AcommonH
AcommonL
- common offset
KT scale
[7:4] - KT1 scale
[3:0] - KT2 scale -10
ACPH
ACPL
- Compensation pixel individial offset
BCP
- Individual Ta dependence (slope) of the compensation pixel offset
ΔαCP_H
ΔαCP_L
- Sensitivity coefficient of the compensation pixel
Table 16: D0…D7 EEPROM cell meaning
DF
DE
DD
DC
DB
DA
D9
D8
EEPROM cell meaning
TGC
- Thermal Gradien Coefficient
Offset scale
[7:4] - Aiscale
[3:0] - Biscale
Vth_H
Vth_L
- Vth0 of absolute temperatire sensor
KT1_H
KT1_L
- KT1 of absolute temperature sensor
KT2_H
KT2_L
- Kt2 of absolute temperatire sensor
Table 17: DF…D8 EEPROM cell meaning
E7
E6
E5
E4
E3
E2
E1
E0
EEPROM cell meaning
α0_H
α0_L
- Common sensitivity coefficient
α0_scale
- Common sensitivity scaling coefficient
Δαscale
- Individual sensitivity scaling coefficient
ε_H
ε_L
- Emissivity coefficient
MELEXIS reserved
- MELEXIS reserved
Table 18: E7…E0 EEPROM cell meaning
F7
F6
F5
F4
F3
F2
F1
F0
EEPROM cell meaning
MELEXIS reserved
- MELEXIS reserved
CFG_H
CFG_L
- Config register value
OSC_trim
- Oscillator trimming value
Table 19: F7…F0 EEPROM cell meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com