Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 11 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Figure 6 Write configuration register (SA = 0x60, command = 0x03)
NOTE: The user must ensure that the bit 10 (POR or Brown-out flag) in Configuration register is set to “1” by the
MD. Furthermore, this bit must be checked regularly and if it is cleared it indicates that the device has been reset
and the initialisation procedure must be redone.
Example: If the value that has to be uploaded is 0x463E the following sequence must be sent:
1.
Start condition (Falling edge of SDA while SCL is high)
2.
Slave address (SA=0x60) plus write bit = 0xC0
3.
Command = 0x03
4.
LSByte check = LSByte – 0x55 = 0x3E – 0x55 = 0xE9
5.
LSbyte = 0x3E
6.
MSByte check = MSByte – 0x55 = 0x46 – 0x55 = 0xF1
7.
MSbyte = 0x46
8.
Stop condition (Rising edge of SDA while SCL is high)
The default configuration is:
-
IR and Ta refresh rate = 1Hz;
-
Normal mode (no sleep);
-
I
2C FM+ mode enabled (maximum bit transfer up to 1000 Kbit/s);
-
ADC low reference enabled;
Reading configuration
7.1.1.
Reading configuration register (EEPROM data)
7.1.1.1
Figure 7 Reading configuration register (SA = 0x60, command = 0x02,
Start address = 0x92, Address step = 0x00, Number of reads = 0x01)
Reading oscillator trimming register (EEPROM data)
7.1.1.2
Figure 8 Reading configuration register (SA = 0x60, command = 0x02,
Start address = 0x93, Address step = 0x00, Number of reads = 0x01)
SCL
SDA
1
0
1
0
0
0
0
A
0
0
0 0
0 1
1 A
S
A
A
LSByte check
(LSByte - 0x55)
LSByte data
A
0
MSByte check
(MSByte - 0x55)
MSByte data
(15:11)
A
P
(9:8)
1
Slave address
Command
W
SCL
SDA
1
0
1
0
0
0
0
A
0
0
0 0
0 1
0 A
S
A
A
0
P
Slave address
Command
0
0
1 0
0 1
0
Start address
1
Address step
0
0
0 0
0 0
0
0
A
A
Number of reads
0
0
0 0
0 0
1
0
S
Configuration value
LSByte
1
0
1
0
0
0
A
0
Slave address
Configuration value
MSByte
A
W
R
SCL
SDA
1
0
1
0
0
0
0
A
0
0
0 0
0 1
0 A
S
A
A
0
P
Slave address
Command
0
0
1 0
0 1
1
Start address
1
Address step
0
0
0 0
0 0
0
0
A
A
Number of reads
0
0
0 0
0 0
1
0
S
Oscillator trim value
LSByte
1
0
1
0
0
0
A
0
Slave address
Oscillator trim value
MSByte
A
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com