Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 22 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 22 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 26Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 22 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
¡ 2¢Fbbdcef
D6
6N
D6 0.75
9ŠL(6,])` nno‡ˆtp‰™˜tš 9ŠL(6,])_QII•-,FGŽ•-H•/,-{ 0 ¡ ∗ 9ŠL••eqq‰t˜no‡ˆtp‰™˜tš
9ŠL(6,])` nno‡ˆtp‰™˜tš 529.9393750 0.75 ∗ 71.2103125 ≈ 475.531640625 LSB
¤ 6M|∗£ZV£[
D6U|]
6M|∗36]VR
D6U|]
D6U|]
D6U|] 1
9ŠL(6,])nefdb‚ƒ„`bi
y€c(a,µ)` nno‡ˆtp‰™˜tš
£
476.531640625 LSB
Œ•GŽ•(6,]) ¬1 4 1 ∗ ( / 0 /R)- ∗ ¬Œ(6,]) 0 ¡ ∗ŒFP-
1
256 ∗ 1 : 4 1 . 256 ∗2 4 12 524 , decimal value
Sign check
524 @ 32768 → FP 524 LSB
1
M6N
6ag 4.9972534.10
EN decimal value
Œ(6,])
au®∗¯oZk¯g[
a¯g‰†™žt V
∆¯(a,µ)
a∆¯‰†™žt
6(jmnopqrscts8u:v=)
au®∗·µkl·v
ajµ V
agu
ajl
6(jmj)
aglva
ajµ V
agu
ajl
6(jmj) ≈ 1.68736733031.10
EU
ŒFP
6M|∗…ndZV…nd[
6¯g‰†™žt∗6jmnopqrscts8u:v=
6M|∗3MV3|]
6jµ∗6(jmj)
NRR]
6jµ ≈ 1.45810190588.10
E]
Œ•GŽ•(6,]) ¬14 4.9972534.10EN ∗ (36.18025)-∗ (1.68736733031.10EU 0 0.75∗ 1.45810190588.10E])
Œ•GŽ•(6,]) 1.58682591595.10EU
1•N 158 decimal value
Sign check
158 @ 127 → 1•N 158 0 256 098
1•N
_‰v
6(´‰_‰†™žtkµ)
Ew]
6(¸kµ) 07.476806640625. 10
EN
/_v ( / 4 273.15)N (36.18 4 273.15)N 9155628583
S
1)N ∗ xŒ•GŽ•(6,])D ∗9ŠL(6,])nefdb‚ƒ„`bi 4Œ•GŽ•(6,])N ∗ /_v
v
S
07.476806640625.10EN ∗ 5(1.58682591595.10EU)D ∗476.5316406254(1.58682591595.10EU)N ∗9155628583
v
S
03.93973510355.10E]
Q(6,])
x y€c(a,µ)nefdb‚ƒ„`bi
…†o‡ˆ(a,µ)∗(3E_‰v∗6UD.3M)V)h4 /_v
v
0 273.15 °C
Q(6,])
x
NU|.MD3|NR|6M
3.M]|]6Mw3MwM.3Rm·∗(3E(EU.NU|]R||NR|6M.3Rmv)∗6UD.3M)V(ED.wDwUDM3RDMM.3Rmµ)4 9155628583
v
0273.15°C
Q(6,])
59.8546263694257 ≈ 59.85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com