Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 16 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 16 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 20Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 16 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Let’s assume that the input data is:
=
data
PTAT _
0x67DE = 26590 dec
Thus the ambient temperature is:
/
E_`lVx_`laEN_`a8y`Z(6M)EP2z2_{/,/=
6_`a
4 25
/
E]M.MDM3M|6MV5UD3|.6|6wMNU3EN∗R.R33MDN|wR]M∗86M|D6E6|MwR=
R.R6DR|wD]3U
425
/
E]M.MDM3M|6MV5UD3|.6|6wMNU3ER.RN|3D]U|DN∗(EwM])
R.R6DR|wD]3U
4 25
/
E]M.MDM3M|6MV√UD|R.N|D]wRRM
R.R6DR|wD]3U
425 ≈ E]M.MDM3M|6MV]M.UwD3NMwD]|
R.R6DR|wD]3U
4 25 ≈ 11.1832077 425
/
≈ 36.18>
The calculated values for the different resolution settings are given in the table below:
ConfigRegister[5:4]
(bin)
PTAT data (hex)
VTH(25)
KT1
KT2
Ta, °C
00
0x0CFB
3323.750
10.69189453125
0.0014418363571167
36.18
01
0x19F7
6647.500
21.38378906250
0.0028836727142334
36.18
10
0x33EF
13295.000
42.76757812500
0.0057673454284668
36.18
11
0x67DE
26590.000
85.53515625000
0.0115346908569336
36.18
Table 7 Calculated values at different resolution settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com