Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 41 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 41 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 43Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 44Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 41 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
measurements. Note that the basic FOV specification takes 50% of IR signal as threshold (in order to define the area,
where the measurements are relevant), while the entire FOV at lower level is capable of introducing lateral IR signal
under many conditions.
When a hot (cold) air stream hits my MLX90621 some error adds to the measured temperature I read. What is it?
IR sensors are inherently sensitive to difference in temperatures between the sensitive element and everything
incident to that element. As a matter of fact, this element is not the sensor package, but the sensor die inside.
Therefore, a thermal gradient over the sensor package will inevitably result in additional IR flux between the sensor
package and the sensor die. This is real optical signal that cannot be segregated from the target IR signal and will add
errors to the measured temperature.
Thermal gradients with impact of that kind are likely to appear during transient conditions. The sensor used is
developed with care about sensitivity to this kind of lateral phenomena, but their nature demands some care when
choosing place to use the MLX90621 in order to make them negligible.
I measure human body temperature and I often get measurements that significantly differ from the +37°C I
expect.
IR measurements are true surface temperature measurements. In many applications this means that the actual
temperature measured by an IR thermometer will be temperature of the clothing and not the skin temperature.
Emissivity (explained first in this section) is another issue with clothes that has to be considered.
There is also the simple chance that the measured temperature is adequate – for example, in a cold winter human
hand can appear at temperatures not too close to the well-known +37°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com