Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90621 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 5 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Glossary of terms
2.
POR
Power On Reset
PTAT
Proportional To Absolute Temperature sensor (package temperature)
IR
Infra Red
IR_data
Infrared data (raw data from ADC proportional to IR energy received by the sensor)
ADC
Analog To Digital Converter
Ta
Ambient Temperature measured from the chip – (the package temperature)
To
Object Temperature, ‘seen’ from IR sensor
TGC
Temperature Gradient Coefficient
FOV
Field Of View
nFOV
Field Of View of N-th pixel
ESD
Electro-Static Discharge
EMC
Electro-Magnetic Compatibility
I
2C
Inter-Integrated Circuit communication protocol
SDA
Serial Data
SCL
Serial Clock
FpS
Frames per Second – data refresh rate
MD
Master Device
SD
Slave Device
TBD
To Be Defined
NA
Not Applicable
Table 1 Glossary of terms
Absolute Maximum ratings
3.
Parameter
MLX90621
Supply Voltage, VDD (over voltage)
5.5V
Supply Voltage, VDD (operating max)
3.6V
Reverse Voltage (each pin)
-0.3 V
Operating Temperature Range, TA
-40…+85
°C
Storage Temperature Range, TS
-40…+125
°C
ESD Sensitivity (AEC Q100 002)
4kV
DC sink current, SDA
50 mA
DC source current, SDA
NA (open drain)
DC clamp current, SDA
25 mA
DC source current, SCL
NA (input only)
DC clamp current, SCL
25 mA
Table 2 Absolute maximum ratings for MLX90621
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com