Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 9 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Principle of operation
7.
The output of all IR sensors and absolute temperature sensors is scanned according to the programmed refresh rate.
Using their output data as well as calibration constants written in EEPROM the absolute chip temperature and object
temperature, ‘seen’ by each pixel can be calculated. For this goal several sequential calculations must be done
according to the Figure 3 Operation block diagram
Figure 3 Operation block diagram
POR (see 8.3)
Wait 5ms
Read the EEPROM table (see 8.2.3, 9.5)
Store the calibration coefficients in the MCU RAM for fast access
Write the oscillator trim value into the IO at address 0x93 (see 7.1, 8.2.2.2, 9.4.4)
Write the configuration value (IO address 0x92) (see 8.2.2.1, 9.4.3)
The value is either read from the EEPROM or hard coded externally
Set the POR/ Brown Out flag to “1” (bit 10 at address 0x92)
Read measurement data (PTAT + desired IR data)
(see 7.2.1, 7.2.2, 8.2.1, 9.4.2)
Tambient calculation
Pixel offset cancelling
Pixel to pixel normalization
Object emissivity compensation
Object temperature calculation
Image processing and correction
POR/Brown Out flag cleared?
(see 8.2.2.1)
No
Yes
Calcullations (see 7.3)
Thermal Gradient Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com