Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 18 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 18 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 22Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 18 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
J‰†™žt is a scaling coefficient for the slopes of IR pixels offset and is stored in the EEPROM at
address 0xD9[3:0] as an unsigned value
/ is the ambient temperature calculated in 7.3.2
/R
25>isaconstant
NOTE: This applies to the compensation pixel as well (
FP and FP while J‰†™žt is the same) with the only
difference being that
FP is stored in the EEPROM at addresses 0xD3 and 0xD4 as an unsigned value but not
calculated
2.
Thermal Gradient Compensation (TGC)
9ŠL(J,•)` nno‡ˆtp‰™˜tš 9ŠL(J,•)_QII•-,FGŽ•-H•/,-{ 0 ¡ ∗ 9ŠL••eqq‰t˜no‡ˆtp‰™˜tš
Where:
9ŠL••eqq‰t˜no‡ˆtp‰™˜tš istheoffset compensated IRsignal ofthethermal gradient compensation
pixel
¡ 2¢Fbbdcef
D6
¡ OOPLQ( is a coefficient stored at EEPROM address 0xD8 as a two’s complement value
3.
Emissivity compensation
9ŠL(J,•)nefdb‚ƒ„`bi
y€c(r,•)` nno‡ˆtp‰™˜tš
£
Where:
¤ istheemissivitycoefficient.ThescaledvalueisstoredintoEEPROMasunsignedvalue
¤ 6M|∗£ZV£[
D6U|]
Calculating
¥¦§¨©(ª,«)
7.3.3.2
Œ•GŽ•(J,•) ¬1 4 1 ∗ ( / 0 /R)- ∗ ¬Œ(J,•) 0 ¡ ∗ ŒFP-
Where:
/ is the ambient temperature calculated in 7.3.2
/R is a constant = 25°C
1 is Ta dependence of Œ•GŽ•(J,•) stored in EEPRPOM at addresses 0xE6 and 0xE7 as two’s
complement value and the scale coefficient is fixed to be 20.
1
6M|∗_•2/ZV_•2/[
6ag
Œ(J,•)
au®∗¯oZk¯g[
a¯g‰†™žt V
∆¯(r,•)
a∆¯‰†™žt
6jmnopqrscts8u:v=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com