Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90621 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 1 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Features and Benefits
Small size, low cost 16x4 pixels IR array
Easy to integrate
Industry standard four lead TO39 package
Factory calibrated infrared temperature
measurement.
Calibration parameters stored in EEPROM.
Noise Equivalent Temperature Difference (NETD)
0.20K RMS @4Hz refresh rate
I
2C compatible digital interface
Programmable frame rate 0.5Hz…512Hz
2.6V supply voltage
Current consumption less than 9mA
Sleep mode consumption less than 7µA
Measurement start trigger for synchronization
with external control unit
3 FOV - 40°x10°, 60°x16° and 120°x25°
Ta -40°C to 85°C
To -20°C to 300°C
Complies with RoHS regulations
Applications Examples
High precision non-contact temperature
measurements;
Temperature sensing element for residential,
commercial and industrial building air
conditioning;
Microwave ovens
Home appliances with temperature control;
Thermal Comfort sensor in automotive Air
Conditioning control system;
Passenger classification
Automotive blind angle detection;
Industrial temperature control of moving parts;
Identifying thermal leaks in homes
Thermal scanners
Security / safety gates
Intrusion / Movement detection;
Presence detection / Person localization
Ordering Information
Part No.
MLX90621
Temperature
Code
E (-40°C to 85°C)
Package
Code
SF (TO-39)
Option Code
- X X X
(1) (2) (3)
Standard
part
-000
Packing
form
-TU
(1) Supply Voltage
B = 2.6V
(2) Number of
thermopiles:
A = 16X4
(3) Package options:
A = 120°x25° FOV
B = 60°x16° FOV
C = reserved
D = 40°x10° FOV
Example:
MLX90621ESF-BAB-000-TU
Functional diagram
General Description
The MLX90621 is a fully calibrated 16x4 pixels IR array
in an industry standard 4-lead TO-39 package. It
contains 2 chips in one package: the MLX90670 (IR
array with signal conditioning electronics) and the
24AA02 (256x8 EEPROM) chip.
The MLX90621 contains 64 IR pixels with dedicated
low noise chopper stabilized amplifier and fast ADC
integrated.
A
PTAT
(Proportional
To
Absolute
Temperature) sensor is integrated to measure the
ambient temperature of the chip. The outputs of both
IR and PTAT sensors are stored in internal RAM and
are accessible through I
2C.
Digital filtering
Digital Active Thermopile Array
RAM memory
I2C interface
EEPROM
VDD
VSS
CLK
SDA


Similar Part No. - MLX90621

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90620 MELEXIS-MLX90620 Datasheet
1Mb / 39P
High precision non-contact temperature measurements
More results

Similar Description - MLX90621

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F410 PHILIPS-74F410 Datasheet
52Kb / 5P
Register stack 16x4 RAM 3-State output register
January 8, 1990
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
IR Sensor
logo
Bedford Opto Technology...
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
Miniature IR Array
logo
ShenZhen Jing Handa Ele...
JHD539-164B JHD-JHD539-164B Datasheet
210Kb / 1P
16X4 CHARACTERS
logo
Axiomtek Co., Ltd.
DSA-132 AXIOMTEK-DSA-132 Datasheet
235Kb / 1P
IR touchscreen
logo
Melexis Microelectronic...
MLX90640 MELEXIS-MLX90640 Datasheet
1Mb / 12P
MLX90640 32x24 IR array
MLX90641 MELEXIS-MLX90641 Datasheet
2Mb / 53P
16x12 IR array
logo
SparkFun Electronics
SEN-14843 SPARKFUN-SEN-14843 Datasheet
367Kb / 2P
SparkFun IR Array Breakout 110 Degree FOV, MLX90640 (Qwiic)
10-2-18
SEN-14844 SPARKFUN-SEN-14844 Datasheet
365Kb / 2P
SparkFun IR Array Breakout 55 Degree FOV, MLX90640 (Qwiic)
10-2-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com