Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90621 Datasheet(PDF) 28 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 28 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 32Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 28 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
POR
8.3.
The Power On Reset (POR) is connected to the Vdd supply. The on-chip POR circuit provides an active level of the
POR signal when the Vdd voltage rises above approximately 0.5V and holds the entire Mlx90621 in reset until the
Vdd is higher than 2.4V. The device will start approximately 5ms after the POR release.
ESD
8.4.
ESD, 4KV Human Body Model (please check with electrical specification)
Communication protocol
9.
The device supports Fast Mode Plus I
2C FM+ (IR array only up to 1MHz while the EEPROM can handle only up to 400
kHz) and will work in slave mode only.
The master device must provide the clock signal (SCL) for the communication. The data line SDA is bidirectional and
is driven by the master or the slave depending on the command. The selection of the SDA occupant is done
according to the I
2C specification. As the SDA is an open-drain IO, ‘0’ is transmitted by forcing the line ‘LOW’ and a
‘1’ just by releasing it. During data transfer, the data line could be changed only while SCL is low. Otherwise, it would
be interpreted as a start/stop condition
Communication pins
9.1.
There are two communication pins SCL and SDA. SCL is an input only for the MLX90621 while the SDA pin is a
bidirectional one. The SDA line should be wired in an open-drain configuration.
Figure 17 Communication pin diagram
scl_in
SCL (Serial Clock Line )
SDA (Serial data Line )
Rp
Rp
90670
sda_in
sda_out
90670
Digital
Block
SCL
SDA
External I2C
Master
SCL
SDA
24AA02
90620
+VDD
external
90621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com