Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 313 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 313 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 309Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 310Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 311Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 312Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 313Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 314Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 315Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 316Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 317Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 662 page
background image
Functional Description
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-13
Figure 12-3 and Table 12-7 describes the functions performed during receive operation in this
mode.
Figure 12-3. Normal Mode Receive Timing (WL=8 bit words, DC=1)
Table 12-7.
Normal Mode Receive Operations
Step
TXFIFO Disabled1
1.
See Figure 12-2.
TXFIFO Enabled
1
Leading edge of frame sync occurs on the SC1
pin.
——
2
Falling edge of receive clock occurs on the SC0
pin and the next bit of data is shifted into the
RXSR register.
——
3
When WL bits2 have been received. RXSR
contents are transferred to the SRX register on
the next falling edge of the receive clock. The
SRX register is actually loaded during the middle
of the last receive bit.
2.
See Section 12.8.11.
——
4
Flag status update
The RDR bit is set
The RFF bit is set if the level of data in
the RSFIFO rises above the
watermark level.
5
If the RIE bit is set, enabling receive interrupts,
then: Other options for processing the data
transfer is either polling or DMA transfers.
—
Receive interrupt occurs when RFF is
set.
6
Receive overrun (setting the ROE bit of the SSR
register) is prevented by3
3.
Section 12.8.11 describes what happens when the ROE bit is set.
—
Data is read from the SRX before the
RXSR tries to provide more data to a
full RSFIFO. It can take several frame
times to fill the RXFIFO.
7
Repeat at set 1 on the next frame sync.4
4.
The frame sync must not occur earlier than it is configured in the STXCR as documented in Section 12.8.11.
——
SC0
SC1
SRD
RXSR Register
SRX Register
RDR Status Bit / Interrupt
Valid
Indefinite transition depends on SW interrupt processing
Invalid
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com