Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 310 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 310 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 306Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 307Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 308Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 309Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 310Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 311Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 312Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 313Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 314Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
12-10
Freescale Semiconductor
12.5 Functional Description
The ESSI has two basic operating modes. Table 12-5 lists these operating modes and some of the
typical applications. These distinctions result in the basic operating modes allowing the ESSI to
communicate with a wide variety of devices. These modes can be programmed by several bits in
the ESSI control registers. For additional information, please see Section 12.8.
The ESSI supports both Normal and Network modes, and these can be selected independently of
whether the transmitter and receiver are synchronous or asynchronous. Typically these protocols
are used in a periodic manner, where data is transferred at regular intervals, such as at the
sampling rate of an external codec. Both modes use the concept of a frame. The beginning of the
frame is marked with a frame sync.
The frame sync occurs at a periodic interval. The length of the frame is determined by the DC and
WL field bits in either the SRXCR or STXCR register, depending on whether data is being
transmitted or received. The number of words transferred per frame depends on the mode of the
ESSI.
12.5.1 Normal Mode
Normal mode is the simplest mode of the ESSI. It is used to transfer one word per frame. A frame
sync occurs at the beginning of each frame. The length of the frame is determined by the
following factors:
•
The period of the serial bit clock (PSR, PM bits for internal clock or the frequency of the
external clock on the SCK or SC0 pin)
•
The number of bits per sample (WL) bits
•
The number of time slots per frame (DC) bits
Table 12-5.
ESSI Operating Modes
TX, RX Sections1
1.
In the Synchronous mode, the transmitter and receiver use a common clock and frame sychronization signal.
In the Asynchronous mode the transmitter and receiver operate independently on their own clocks and frame
syncs.
Serial Clock
Mode2
2.
In the Normal mode, the ESSI only transmits during the first time-slot of each I/O frame. In the Network mode,
any number from 2 to 32 data words of I/O per frame can be used. The Network mode is typically used in star
or ring time division multiplex networks with other processors or codecs, allowing interface to TDM networks
without additional logic.
Typical Application
Asynchronous
Continuous
Normal
Multiple Asynchronous Codecs
Asynchronous
Continuous
Network
TDM Codec or DSC Networks
Synchronous
Continuous
Normal
Multiple Synchronous Codecs
Synchronous
Continuous
Network
TDM Codec or DSC Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com