Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 307 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 307 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 303Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 304Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 305Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 306Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 307Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 308Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 309Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 310Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 311Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 662 page
background image
Signal Descriptions
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-7
signal for Transmit Shift register TX1 or for Serial Flag I/O. A typical application of Serial Flag
I/O would be multiple device selection for addressing in codec systems.
If SC0 is configured as a serial flag signal or receive clock signal, its direction is determined by
the Serial Control Direction 0 (SCD0) bit in the ESSI Control Register 4 (SCR4). When
configured as an output, SC0 may be used either as the serial Output Flag 0 (OF0) or as a Receive
Shift register clock output. If the SC0 is used as the serial OF0, its value is determined by the
value of the serial OF0 bit in the SCR4 register.
If SC0 is an input, this signal may be used either as serial Input Flag 0 (IF0) or as a Receive Shift
Register (RSR) clock input. If SC0 is used as serial Input Flag 0, it controls the state of the serial
Input Flag 0 bit in the ESSI Status Register (ESSR). When SC0 is configured as a transmit data
signal, it is always an output signal regardless of the SCD0 bit value. SC0 is fully synchronized
with the other transmit data signals, STD and SC1.
Note:
The ESSI can operate with more than one active transmitter only in the Synchronous
mode.
12.3.2.3 ESSI Receive Frame Sync (SC1)
The function of this signal is determined by the programmer selecting either Synchronous or
Asynchronous modes, according to Table 12-4. In the Asynchronous mode, such as a single
codec with asynchronous transmit and receive, the SC1is the receiver frame sync I/O. In the
Synchronous mode, the SC1 is used for the transmitter data out signal of Transmit Shift Register
(TXSR2), for the transmitter 0 drive-enable signal, or for serial flag I/O.
When used as serial flag I/O, SC1operates like SC0. SC0 and SC1 are independent flags, but they
may be used together for multiple serial device selection. SC0 and SC1 can be used without being
encoded to select up to two codecs. They may also be decoded externally to select up to four
codecs. If the SC1 is configured as a serial flag signal, its direction is determined by the SCD1 bit
in SCR4 register.
If the SC1 is configured as a serial flag or receive frame sync signal, its direction is determined
by the Serial Control Direction 1 (SCD1) bit in the SCR4 register.
When configured as an output, the SC1 signal can be used as a serial output flag, as the
transmitter 0 drive-enable signal for the purpose to control an external high-drive buffer, or as the
receive frame sync signal output. If SC1 is used as serial output flag 1, its value is determined by
the value of the serial Output Flag 1 (OF1) bit in the SCR4 register.
When configured as an input, this signal can be used to receive frame sync signals from an
external source, or it can be used as a serial input flag. When SC1 is a serial input flag, it controls
status bit IF1 in the SSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com