Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 303 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 303 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 299Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 300Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 301Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 302Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 303Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 304Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 305Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 306Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 307Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 662 page
background image
Features
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-3
12.1 Introduction
This chapter describes the Enhanced Synchronous Serial Interface (ESSI), discusses the
architecture, the programming model, the operating modes, and the initialization of the ESSI. The
ESSI is a full-duplex, serial port designed to allow Digital Signal Controllers (DSCs) to
communicate with a variety of serial devices, including industry-standard codecs, other DSCs, and
microprocessors. It is typically used to transfer samples in a periodic manner. The ESSI consists
of independent transmitter and receiver sections with independent clock generation and frame
synchronization.
12.2 Features
ESSI capabilities include:
•
Independent (asynchronous) or shared (synchronous) transmit and receive sections with
separate or shared internal/external clocks and frame syncs
•
Normal mode operation using frame sync
•
Network mode operation allowing multiple devices to share the port with as many as 32 time
slots
•
Network mode enhancements
— time slot mask registers (receive and transmit)
— end of frame interrupt
•
Programmable internal clock divider
•
Programmable word length (8, 10, 12, or 16 bits)
•
Program options for frame sync and clock generation
•
ESSI power-down feature
•
Audio enhancements
— three transmitters per ESSI (six-channel surround sound possible, but requires two
ESSIs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com